Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM3232AS Datasheet(PDF) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM3232AS Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
PIN CONFIGURATION
PIN DESCRIPTION
PlN N°
SYMBOL
NAME AND FUNCTION
1
C1+
Positive Terminal for the first Charge Pump Capacitor
2
V+
Doubled Voltage Terminal
3
C1
Negative Terminal for the first Charge Pump Capacitor
4
C2+
Positive Terminal for the second Charge Pump Capacitor
5
C2
Negative Terminal for the second Charge Pump Capacitor
6
V-
Inverted Voltage Terminal
7
T2OUT
Second Transmitter Output Voltage
8
R2IN
Second Receiver Input Voltage
9
R2OUT
Second Receiver Output Voltage
10
T2IN
Second Transmitter Input Voltage
11
T1IN
First Transmitter Input Voltage
12
R1OUT
First Receiver Output Voltage
13
R1IN
First Receiver Input Voltage
14
T1OUT
First Transmitter Output Voltage
15
GND
Ground
16
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com