Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMV321AS8 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMV321AS8
Description  OPERATION INSTRUCTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMV321AS8 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBMV321AS8 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.corebai.com
CBMV321S-CBMV358S-CBMV321-CBMV322-CBMV324
OPERATION INSTRUCTION
ELECTRICAL CHARACTERISTICS
(At TA = +25℃, Vs=5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.)
PARAMETER
CONDITIONS
TJ
CBMV321S,CBMV358S
CBMV321,CBMV358,
CBMV324
UNIT
MIN
TYP
MAX
POWER SUPPLY
Vs
Operating Voltage Range
25℃
2.5
5.5
V
IQ
Quiescent
Current/Amplifier
25℃
60
80
uA
PSRR
Power-Supply Rejection
Ratio
Vs=2.5V to 5.5V,
Vcm=(V-)+0.5V
25℃
62
85
dB
-40℃ to
125℃
58
INPUT
VOS
Input Offset Voltage
25℃
0.8
4.5
mV
VOS TC
Input Offset Voltage
Average Drift
-40℃ to 125℃
2.9
uV/℃
IB
Input Bias Current
25℃
1
10
pA
Ios
Input Offset Current
25℃
1
10
pA
Vcm
Common-Mode Voltage
Vs= 5.5V
25℃
-0.1
5.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com