Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMV321AS8 Datasheet(PDF) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMV321AS8
Description  OPERATION INSTRUCTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMV321AS8 Datasheet(HTML) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBMV321AS8 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.corebai.com
CBMV321S-CBMV358S-CBMV321-CBMV322-CBMV324
OPERATION INSTRUCTION
Range
CMRR
Common-Mode Rejection
Ratio
Vs= 5.5V,
Vcm=-0.1V to 4V
25℃
65
80
dB
-40℃ to
125℃
62
Vs= 5.5V,
Vcm=-0.1V to 5.6V
25℃
57
75
-40℃ to
125℃
55
OUTPUT
AOL
Open-Loop Voltage Gain
RL=2KΩ, Vo=0.15V
to 4.85V
25℃
75
95
dB
-40℃ to
125℃
72
RL=10KΩ,Vo=0.05V
to 4.95V
25℃
85
100
-40℃ to
125℃
82
Output Swing From Rail
RL=2KΩ
25℃
26
mV
RL=10KΩ
8
Iout
Output
Short-Circuit
Current
25℃
54
mA
FREQUENCY RESPONSE
SR
Sles Rate
25℃
0.5
V/us
GBP
Gain-Bandwidth Product
25℃
1.1
MHz
PM
Phase Margin
25℃
64
°
ts
Setting Time,0.1%
1.3
us
Overload Recovery Time
VIN·Gain≥VS
2.3
us
NOISE
en
Input Voltage Noise
Density
f=1 KHz
25℃
23
nV/√Hz
f=10KHz
25℃
20
nV/√Hz
ENABLE/SHUTDOWN(CBMV321S,CBMV358S)
IQ(OFF)
Supply Current in Shutdown
25℃
<1
uA
tOFF
25℃
3
us
tON
25℃
20
us
VL
Shut Down
25℃
V-
(V-)+0.8
V
VH
Amplifier Is Active
25℃
(V-)+2
V+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com