Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMV321AS8 Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMV321AS8
Description  OPERATION INSTRUCTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMV321AS8 Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBMV321AS8 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMV321AS8 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.corebai.com
CBMV321S-CBMV358S-CBMV321-CBMV322-CBMV324
OPERATION INSTRUCTION
FEATURES
HIGH GAIN BANDWIDTH:1.1MHz
RAIL-TO-RAIL INPUT AND OUTPUT
0.8mV Typical VOS
INPUT VOLTAGE RANGE: -0.1V to +5.6V
with Vs = 5.5V
SUPPLY RANGE: +2.5V to +5.5V
SHUTDOWN: CBMV321S/CBMV358S
SPECIFIED UP TO +125°C
MicroSIZE PACKAGES: SOT23-5, SOT23-6
APPLICATIONS
SENSORS
PHOTODIODE AMPLIFICATION
ACTIVE FILTERS
TEST EQUIPMENT
DRIVING A/D CONVERTERS
DESCRIPTION
The CBMV321, CBMV358, CBMV324, CBMV321S, CBMV358S families of products offer low
voltage operation and rail-to-rail input and output, as well as excellent speed/power
consumption ratio, providing an excellent bandwidth (1.1MHz) and slew rate of 0.5V/us. The
op-amps are unity gain stable and feature an ultra-low input bias current.
The devices are ideal for sensor interfaces, active filters and portable applications. The
CBMV321S, CBMV358S include a shutdown mode. Under logic control, the amplifiers can be
switched from normal operation to a standby current that is less than 1uA.The CBMV321,
CBMV358, CBMV324, CBMV321S, CBMV358S families of operational amplifiers are specified at
the full temperature range of −40°C to +125°C under single or dual power supplies of 2.5V to
5.5V.


Similar Part No. - CBMV321AS8

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBMV721 COREBAI-CBMV721 Datasheet
1Mb / 19P
OPERATION INSTRUCTION
CBMV721AMS8 COREBAI-CBMV721AMS8 Datasheet
1Mb / 19P
OPERATION INSTRUCTION
CBMV721AS8 COREBAI-CBMV721AS8 Datasheet
1Mb / 19P
OPERATION INSTRUCTION
CBMV721AST5 COREBAI-CBMV721AST5 Datasheet
1Mb / 19P
OPERATION INSTRUCTION
CBMV721ATDE6 COREBAI-CBMV721ATDE6 Datasheet
1Mb / 19P
OPERATION INSTRUCTION
More results

Similar Description - CBMV321AS8

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8538 COREBAI-CBM8538 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8551 COREBAI-CBM8551 Datasheet
1Mb / 16P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com