Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL56 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # QL56
Description  QL56 Series Luminescence Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QL56 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  QL56 Datasheet HTML 1Page - Banner Engineering Corp. QL56 Datasheet HTML 2Page - Banner Engineering Corp. QL56 Datasheet HTML 3Page - Banner Engineering Corp. QL56 Datasheet HTML 4Page - Banner Engineering Corp. QL56 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions
25.4 [1.00"]
21.5 [0.85"]
33.0 [1.30"]
M18X0.75
31.5 [1.24"]
28.0 [1.10"]
28.0 [1.10"]
M18X0.75
8.5 [0.33"]
4.8 [0.19"]
25.0 [0.99"]
M18X0.75
Model QL56M6XD40BQ8
Replacement Lens: UC-QL5550
Model QL56M6XD30BQ8
Replacement Lens: UC-QL5530
Model QL56M6XD15BQ8
Replacement Lens: UC-QL5515
28 mm
1.1"
M5 depth 6 mm
3.5 mm passing holes
M5 depth 6 mm
M12x1
15.5 mm
0.61"
24 mm
7.4 mm
5 mm 0.2"
21 mm
0.83”
40 mm
39.1 mm
1.54"
60.7 mm
2.39"
44.7 mm
1.76"
4 mm
0.2"
2 mm
0.1"
28 mm
1.1"
62.9 mm
2.48"
79 mm
3.1"
27.5 mm
1.08"
15.8 mm
0.62"
31.9 mm
1.26"
Wiring Diagram
3
1
4
2
5
15 - 30V dc
0.75 - 5.5V dc
Load
Load
+
–
Wiring Key:
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
Accessories
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
QL56 Series Luminescence Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 142396 Rev. D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com