Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL56 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # QL56
Description  QL56 Series Luminescence Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QL56 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  QL56 Datasheet HTML 1Page - Banner Engineering Corp. QL56 Datasheet HTML 2Page - Banner Engineering Corp. QL56 Datasheet HTML 3Page - Banner Engineering Corp. QL56 Datasheet HTML 4Page - Banner Engineering Corp. QL56 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Procedure
Result
Sensitivity
Setting
Click the "+" and "-" push buttons to
increase or decrease the sensitivity
level. Hold for fast adjustment.
Sensitivity Setting
communicated by bar graph
indicator
Delay Setting
Press and hold the SET push button
for 2 seconds to toggle off-delay
DELAY LED: ON indicating
20 ms off-delay is active
Installation
The sensor can be mounted using the Ø3.5 mm housing holes or the threaded M5 holes with 6 mm max. depth. (Warning:
the use of excessively long screws can damage the product) The connector can be oriented at five different positions by
rotating the block. The position chosen is held by a mechanical blocking system. The rotation can be carried out after
sensor installation as the connector block is completely self contained inside the housing.
Specifications
Supply Voltage and Current
15 to 30 V dc (2 Vpp maximum ripple); 50 mA maximum at 24 V dc
(excluding output current)
Sensing Beam
LED UV, 375 nm; class 1
Sensing Range
QL56M6XD15BQ: 10 to 20 mm (0.39 to 0.79 inches)
QL56M6XD30BQ: 20 to 40 mm (0.79 to 1.57 inches)
QL56M6XD40BQ: 30 to 50 mm (1.18 to 1.97 inches)
Supply Protection Circuitry
Protected against reverse polarity
Ambient Light Rejection
According to EN 60947-5-2
Minimum Spot Dimension
2 × 8 mm at 10 mm (QL56M6XD15BQ)
3 × 11 mm at 24 mm (QL56M6XD30BQ)
4 × 15 mm at 50 mm (QL56M6XD40BQ)
Analog Output
0.75 to 5.5 V dc maximum
Analog Output Impedance
2.2 kΩ (short-circuit protection)
Delay
0 ms (default) or 20 ms user selectable
Output Protection Circuitry
Overload and short circuit protection
Output Configuration
Bipolar (1 NPN and 1 PNP), plus 0.75 to 5.5 V dc analog output
Output Rating
100 mA maximum
Output Response Time
250 µs
Output Saturation Voltage
≤ 2 V
Construction
Aluminum housing, glass lens; mass 180 g maximum
Adjustments
"+" and "-" push buttons determine sensitivity
"Set" push button activates delay and keylock function (see Overview
on page 2)
Connections
Integral 5-pin M12/Euro-style male quick disconnect (QD)
Indicators
Yellow OUTPUT LED: ON indicates output conducting
Green READY LED: ON indicates power on; Flashing indicates output
overload
Orange DELAY LED: ON indicates 20 ms delay activated
Orange KEYLOCK LED: ON indicates push buttons are unlocked
5-segment bar graph: Indicates sensitivity
Switching Frequency
2 kHz
Shock Resistance
30 G; 6 shocks per axis; 11 ms duration (EN60068-2-27)
Vibration
Vibration 10 to 55 Hz 0.5 mm p-p amplitude per IEC60068-2-6
Operating Conditions
Temperature: −10 °C to +55 °C (+14 °F to +131 °F)
Storage Temperature: −20 °C to +70 °C (−4 °F to +158 °F)
Environmental Rating
IEC IP67
Application Notes
The lens must be used in the lower position, and the cap must remain
in place on the end position
Certification
QL56 Series Luminescence Sensor
P/N 142396 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com