Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL56 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # QL56
Description  QL56 Series Luminescence Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QL56 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  QL56 Datasheet HTML 1Page - Banner Engineering Corp. QL56 Datasheet HTML 2Page - Banner Engineering Corp. QL56 Datasheet HTML 3Page - Banner Engineering Corp. QL56 Datasheet HTML 4Page - Banner Engineering Corp. QL56 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Overview
The QL56 Series Luminescence Sensor is an easy-to-use, extremely
sensitive luminescence sensor that emits ultraviolet (UV) light from high-
power LEDs and detects visible light created by luminescent targets. This
technology allows for the detection of luminescent marks (even invisible
ones) on any surface, independently from its material, color, or distance
inside the operating range, as long as the target radiates visible light when
illuminated with UV light.
Applications
The QL56 can be used to error-proof manufacturing lines and verify the
presence of glues, lubricants, tamper-proof labels, inks, paint, or the
inspector’s UV mark. There are many applications where the unique
property of luminescence can be used to verify that a chemical or adhesive
was applied, to inspect for leaks on a seal, or to ensure a critical
manufacturing step was completed.
Many materials exhibit luminescence naturally or can be enhanced to
include luminescence dyes (also known as luminophores). For example,
white bond paper exhibits luminescence under the UV light without any
additional treatment. Or a corrosion prevention treatment may be
enhanced to include a luminescence dye so that its application can be
verified later.
Green
Ready
LED
Set Keylock
and Delay
Push Button
Sensitivity Adjustment
Push Buttons
Yellow
Output
LED
Orange
Delay
LED
Orange
Keylock
LED
Bargraph
Indicators
Figure 1. Features
The Advantage of the QL56
The QL56 sensor uses six UV LEDs which create a uniform and intense line of UV light. The structured light allows for
reliable detection of luminescence marks on irregular or textured surfaces such as wood, textile, or cast surfaces. The
sensor’s durable aluminum housing ensures years of use in challenging environments. Most applications can be
addressed with the bi-polar discrete outputs, but an analog output signal is available to make subtle pass or fail decisions
if greater contrast resolution is required.
Sensor Configuration
General Notes on Configuration
•
The sensor's KEYLOCK function deactivates the push buttons to
avoid accidental sensor setting. The push buttons are locked at
sensor power-up (KEYLOCK LED OFF). To enable the push
buttons, press and hold the SET push button for 5 seconds; there
is a 2 minute timeout for the keylock.
•
The DELAY SETTING extends the minimum active output status
duration to 20 ms, allowing slower interface systems to detect
shorter pulses.
•
The analog output supplies a voltage proportional to the signal
received by the sensor. The voltage supplied is 0.75 to 5.5 V.
Sensor
Output
OFF-Delay (20 ms)
Output Ends
Output
Starts
Figure 2. OFF-delay: output continues for 20 ms
after sensing stops
Procedure
Result
Keylock Setting
Press and hold SET push button for 5
seconds (the keyboard will
automatically re-lock if inactive for 2
minutes)
Keylock LED: ON
QL56 Series Luminescence Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 142396 Rev. D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com