Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-R55 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # UC-R55
Description  R58B Registration Mark Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-R55 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  UC-R55 Datasheet HTML 1Page - Banner Engineering Corp. UC-R55 Datasheet HTML 2Page - Banner Engineering Corp. UC-R55 Datasheet HTML 3Page - Banner Engineering Corp. UC-R55 Datasheet HTML 4Page - Banner Engineering Corp. UC-R55 Datasheet HTML 5Page - Banner Engineering Corp. UC-R55 Datasheet HTML 6Page - Banner Engineering Corp. UC-R55 Datasheet HTML 7Page - Banner Engineering Corp. UC-R55 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Wiring Diagrams
10-30V dc
–
+
1
3
4
5
Load
Teach
NPN
10-30V dc
–
+
1
3
4
5
Load
Teach
PNP
Wiring Key:
1 = Brown
2 = White (No connection)
3 = Blue
4 = Black
Specifications
Supply Voltage and Current
10 V dc to 30 V dc (10% maximum ripple within specified limits)
Supply current (exclusive of load current): 75 mA max at 10 V dc; 35 mA at 30 V dc
Supply Protection Circuitry
Protected against reverse polarity and transient over voltages
Repeatability
15 microseconds
Output Configuration
Single output: one current sourcing (PNP) or one current sinking (NPN) open-collector
transistor by model
Adjustments
MODE Push-button—Selects Operating Mode
TEACH Push-button—Initiate Teach from STATIC or DYNAMIC Mode
Both Push-buttons >2 s—Enter Sensor Set-up (only accessible from RUN Mode)
Remote Input (gray wire)—Input for remote Set-up of the sensor (PLC compatible)
Connections
PVC-jacketed 5 conductor 2 m (6.5 ft) or 9 m (30 ft) cable with internal strain relief
Integral 5-pin M12/Euro-style QD fitting
150 mm (6 in) cable with a 5-pin M12/Euro-style QD fitting
Output Rating
ON-state load current: 100 mA max
OFF-state leakage current: NPN < 200 microamps; PNP < 10 microamps (see Application
Note 1)
NPN Saturation: < 1.6V at 100 mA
PNP Saturation: < 3.0V at 100 mA
Output Protection Circuitry
Protected against false pulse on power up and continue overload or short-circuit of
output
Output Response Time
50 microseconds
Note: 1 second delay on power-up; output does not conduct during this time
Construction:
Housing: Zinc alloy die-cast and steel housing with black painted finish and o-ring sealed
lens and lens port cap
Lens: Acrylic
Lens port cap and lens holder: ABS
Push-buttons: Thermoplastic elastomer
Labels: Polycarbonate
Indicators
( ) Light Operate: Red
( ) Off-delay: Red
( ) Dark Operate: Red
( ) Output: Yellow
( ) Power: Green
Mode: Green
(R) Red: Red
(G) Green: Green
(B) Blue: Blue
Tri-Color LED Sensing Image
Rectangular: 1.2 mm × 3.8 mm (0.05 in × 0.15 in) at 10 mm (0.39 in) from face of lens;
image oriented either parallel or perpendicular to sensor length
Red: 636 nm; Green: 525 nm; Blue: 472 nm
Application Notes
1. NPN OFF-state leakage current is < 200 µA for load impedances > 3kΩ or optically
isolated loads. For load current of 100 mA, leakage is < 1% of load current.
2. Do not mount the sensor directly perpendicular to shiny surfaces; position it at
approximately a 15° angle in relation to the sensing target (see Installation Notes).
3. Minimize web or product "flutter" whenever possible to maximize sensing reliability.
Operating Conditions
Operating Temperature: −10 °C to +55 °C (+14 °F to +131 °F)
Storage Temperature: −20 °C to +80 °C (−4 °F to +176 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
IEC IP67
Vibration and Mechanical Shock
All models meet IEC 68-2-6 and IEC 68-2-27 testing criteria
R58B Registration Mark Sensor
P/N 156477 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com