Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-R55 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # UC-R55
Description  R58B Registration Mark Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-R55 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  UC-R55 Datasheet HTML 1Page - Banner Engineering Corp. UC-R55 Datasheet HTML 2Page - Banner Engineering Corp. UC-R55 Datasheet HTML 3Page - Banner Engineering Corp. UC-R55 Datasheet HTML 4Page - Banner Engineering Corp. UC-R55 Datasheet HTML 5Page - Banner Engineering Corp. UC-R55 Datasheet HTML 6Page - Banner Engineering Corp. UC-R55 Datasheet HTML 7Page - Banner Engineering Corp. UC-R55 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Static TEACH Procedure
1. Enter Static TEACH mode.
Method
Action
Result
Push Button
Press the Mode select button.
The sensor enters Static TEACH mode.
Remote Input
Select Static Mode; see Remote Configuration Flowchart
2. Align the light spot to the output ON condition. "Mark Operate" is shown.
3. TEACH the output ON condition.
Method
Action
Result
Push Button
Press the TEACH button.
The Output and Emitter LEDs flash at 2 Hz to indicate
that a TEACH is in progress.
Remote Input
Single-pulse the remote input.
4. Align the light spot to the output OFF condition.
5. TEACH the output OFF condition.
Method
Action
Result
Push Button
Press the TEACH push-button.
Sensor evaluates contrast and returns to normal
operation. If inadequate contrast, the Output and
Emitter LED flash rate will increase to 4Hz to indicate
that the TEACH failed. Repeat TEACH starting at Step
2.
Remote Input
Single-pulse the remote input.
Dynamic TEACH Procedure
1. Enter Dynamic TEACH mode.
Method
Action
Result
Push Button
Pressing Mode select push-button.
The sensors enters Dynamic TEACH mode.
Remote Input
Select Dynamic Mode; see Remote Configuration Flowchart
2. Align sensor to either mark or background.
3. Start the dynamic sampling.
Method
Action
Result
Push Button
Press the TEACH push-button.
The Output LED flashes at 2 Hz to indicate a Dynamic
TEACH is in progress.
Remote Input
Single-pulse the remote line.
R58B Registration Mark Sensor
P/N 156477 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com