Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-R55 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # UC-R55
Description  R58B Registration Mark Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-R55 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  UC-R55 Datasheet HTML 1Page - Banner Engineering Corp. UC-R55 Datasheet HTML 2Page - Banner Engineering Corp. UC-R55 Datasheet HTML 3Page - Banner Engineering Corp. UC-R55 Datasheet HTML 4Page - Banner Engineering Corp. UC-R55 Datasheet HTML 5Page - Banner Engineering Corp. UC-R55 Datasheet HTML 6Page - Banner Engineering Corp. UC-R55 Datasheet HTML 7Page - Banner Engineering Corp. UC-R55 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Registration Mark Sensors with Three-Color Light Source and Fast Teach
• Ultra-fast 10 kHZ switching frequency
• Sensor automatically selects red, green, or blue LED during TEACH to optimize application
contrast
• Outstanding color contrast sensitivity; detects 16 levels of gray scale
• Smart gain-control algorithm to maximize performance in low-contrast or high-gloss
applications
• Fast TEACH via single-clicks on the TEACH push-button or remote input
• Sensor configuration options are easily changed via push-buttons or PLC compatible
remote input
• Fixed-convergent sensing at 10 mm ±3 mm (0.39" ±0.12"); rectangular sensing image
measure 1.2 mm x 3.8 mm (0.05" x 0.15") at 10 mm (0.39") from the lens
• Models available with either parallel or perpendicular sensing image (see Models)
• Rugged zinc alloy die-cast housing with high-quality acrylic lens suitable for food processing
applications; rated IP67
• Models available with integral quick disconnect or Euro-style quick-disconnect pigtail
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death. This device
does not include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. A sensor failure
or malfunction can cause either an energized or de-energized sensor output condition.
Models
Models 1
Focus Distance
Supply Voltage
Output
Sensing Image Orientation
R58BPCRGB1
10 mm (0.39 in)
10 V dc to 30 V dc
PNP
Parallel to sensor length
R58BNCRGB1
NPN
R58BPCRGB2
PNP
Perpendicular to sensor length
R58BNCRGB2
NPN
Overview
R58B Registration Mark Sensor offer maintenance-free, solid-state reliability for typical color contrasts found in product and material registration
applications. Fast 50-microsecond sensing response produces excellent registration repeatability, even in ultra-high-speed applications. This fast
response, coupled with the small 1.2 × 3.8 mm (0.05 in × 0.15 in) sensing image, allows the detection of small and inconspicuous registration marks.
R58B sensors feature TEACH mode sensitivity adjustment by presenting two sensing conditions to the sensor. TEACH mode has two options: Static TEACH
and Dynamic TEACH. Static TEACH is used to position the two sensing conditions individually. Dynamic TEACH provides a means for teaching a series of
conditions on-the-fly; the R58B samples the sensing events and automatically sets the switchpoint between the lightest and darkest conditions. The
sensor then determines which sensing condition is present for the shortest time and assigns the Output ON condition to that event (therefore, LO/DO
selection is automatic). If necessary, the LO/DO setting can be reversed in Setup mode.
The sensor uses a tri-color LED during either teach process and automatically selects a red, green, or blue sensing beam, based on the contrast between
the registration mark and its background. For applications where the user wishes to select the sensing beam color, individual colors may be enabled/
disabled in Setup mode.
1 Only Standard 2 m (6.5 ft) cable models are listed.
•
To order the 9 m (30 ft) cable model, add suffix "W/30" to the model number (e.g., R58BPCRGB1 W/30).
•
To order the 150 mm (6 in) pigtail with a 5-pin M12/Euro-style connector, add suffix "Q" to the model number (e.g., R58BPCRGB1Q).
•
To order the integral 5-pin M12/Euro-style QD, add suffix "Q8" to the model number (e.g., R58BPCRGB1Q8).
R58B Registration Mark Sensor
Original Document
156477 Rev. B
7 June 2017
156477


Similar Part No. - UC-R55

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
UC-R55 BANNER-UC-R55 Datasheet
390Kb / 5P
R58A Series Registration Mark Sensors
UC-R55 BANNER-UC-R55 Datasheet
582Kb / 11P
R58E Series Expert??Registration Mark Sensors
More results

Similar Description - UC-R55

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K RICOH-RP103K Datasheet
26Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
logo
Omron Electronics LLC
E3ML-S2E4-G OMRON-E3ML-S2E4-G Datasheet
1Mb / 14P
Color Registration Mark Incandescent
E3SGS3B4 OMRON-E3SGS3B4 Datasheet
278Kb / 4P
Slotted Edge Registration Sensor
logo
FOTEK CONTROLS CO., LTD...
FM-01R FOTEK-FM-01R Datasheet
285Kb / 2P
MARK SENSOR
MS-02W FOTEK-MS-02W Datasheet
2Mb / 3P
AT MARK SENSOR
SU-07 FOTEK-SU-07 Datasheet
750Kb / 1P
U TYPE MARK & LABEL SENSOR
logo
Banner Engineering Corp...
R58A BANNER-R58A Datasheet
390Kb / 5P
R58A Series Registration Mark Sensors
R58E BANNER-R58E Datasheet
582Kb / 11P
R58E Series Expert??Registration Mark Sensors
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
Print mark contrast sensor
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
Mark Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com