Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-R55 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # UC-R55
Description  R58A Series Registration Mark Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-R55 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  UC-R55 Datasheet HTML 1Page - Banner Engineering Corp. UC-R55 Datasheet HTML 2Page - Banner Engineering Corp. UC-R55 Datasheet HTML 3Page - Banner Engineering Corp. UC-R55 Datasheet HTML 4Page - Banner Engineering Corp. UC-R55 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Registration Mark Sensors with Single Color LED and Potentiometer Adjustment of Switching Threshold
• Fast 10 kHZ switching frequency; 15 µs repeatability
• Rugged zinc alloy die-cast housing with high quality acrylic lens suitable for use
around food processing applications: Sensor rated IEC IP67
• Fixed-convergent sensing at 10 mm ± 3 mm (0.39 in ± 0.12 in)
• Rectangular 1.2 mm × 3.8 mm (0.05 in × 0.15 in) sensing image at 10 mm (0.39 in)
from the face of the lens
• Easy selection of Light/Dark Operate (LO/DO) by selection switch
• Red or green LEDs available, depending on model
• Parallel or perpendicular sensing image, depending on model
• 20 millisecond OFF-delay by model
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Models1
Output & Supply
Voltage
Focus Distance
Sensing Image Orientation
Emitter Color
OFF-Delay
R58ACG1
Bipolar NPN/PNP
10 V dc to 30 V dc
10 mm (0.39 in)
Parallel to sensor length
Parallel to sensor length
Perpendicular to sensor length
Green
0
R58ACG1D
20 ms
R58ACR1
Red
0
R58ACR1D
20 ms
R58ACG2
Perpendicular to sensor length
Parallel to sensor length
Perpendicular to sensor length
Green
0
R58ACG2D
20 ms
R58ACR2
Red
0
R58ACR2D
20 ms
1 Integral 2 m (6.5 ft) unterminated cable models are listed.
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, R58ACG1 W/30.
•
To order the 150 mm (6 in) PVC cable model, add the suffix "Q" to the model number. For example, R58ACG1Q.
•
To order the 4-pin M12/Euro-style integral quick disconnect model, add the suffix "Q8" to the model number. For example, R58ACG1Q8.
R58A Series Registration Mark Sensors
Original Document
144736 Rev. B
12 April 2017
144736


Similar Part No. - UC-R55

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
UC-R55 BANNER-UC-R55 Datasheet
1Mb / 8P
R58B Registration Mark Sensor
UC-R55 BANNER-UC-R55 Datasheet
582Kb / 11P
R58E Series Expert??Registration Mark Sensors
More results

Similar Description - UC-R55

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173H RICOH-R1173H Datasheet
106Kb / 1P
SERIES MARK SPECIFICATION
RP103K RICOH-RP103K Datasheet
26Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
R1180Q RICOH-R1180Q Datasheet
60Kb / 1P
SERIES MARK SPECIFICATION
R5511H RICOH-R5511H Datasheet
24Kb / 1P
MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
logo
Omron Electronics LLC
E3ML-S2E4-G OMRON-E3ML-S2E4-G Datasheet
1Mb / 14P
Color Registration Mark Incandescent
E3SGS3B4 OMRON-E3SGS3B4 Datasheet
278Kb / 4P
Slotted Edge Registration Sensor
logo
Banner Engineering Corp...
R55F BANNER-R55F Datasheet
333Kb / 12P
R55F Series Fiber-Optic Color Mark Sensors
R58B BANNER-R58B Datasheet
1Mb / 8P
R58B Registration Mark Sensor
R58E BANNER-R58E Datasheet
582Kb / 11P
R58E Series Expert??Registration Mark Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com