Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-R55 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # UC-R55
Description  R58A Series Registration Mark Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-R55 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  UC-R55 Datasheet HTML 1Page - Banner Engineering Corp. UC-R55 Datasheet HTML 2Page - Banner Engineering Corp. UC-R55 Datasheet HTML 3Page - Banner Engineering Corp. UC-R55 Datasheet HTML 4Page - Banner Engineering Corp. UC-R55 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5. Turn potentiometer back half the number of turns from step 4.
6. Select Light Operate or Dark Operate.
Specifications
Supply Voltage and Current
10 V dc to 30 V dc (10% max. ripple within specified voltage range); 36 mA
exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar; one current sourcing (PNP) and one current sinking (NPN)
Output Rating
150 mA max. (each output)
Off-state leakage current:< 10 microamps
NPN saturation: < 200 mV at 10 mA and < 1.0 V at 150 mA
PNP saturation: < 1 V at 10 mA and < 2.0 V at 150 mA
Output Protection Circuitry Output Protection Circuitry
Protected against output short-circuit, continuous overload, and false pulse on
power-up
Output Response Time
50 microseconds: 100 millisecond delay on power-up (outputs do not conduct)
Repeatability
15 microseconds
Sensing Image
Rectangular: 1.2 mm × 3.8 mm (0.05 in × 0.15 in) at 10 mm (0.39 in) from face
of lens; Image oriented either parallel or perpendicular to sensor length, by
model (see Models on page 1).
Adjustments
Light/Dark Operate (LO/DO) select switch, and 15-turn switchpoint adjustment
potentiometer
Indicators
1 Amber: Output active
2 Green: Switchpoint threshold adjustment indicators
Construction
Housing: Zinc alloy die-cast housing with black painted finish and o-ring sealed
lens port cap
Lens: Acrylic
Lens port cap and lens holder: ABS
Sensitivity and LO/DO adjusters: Acetal
QD: Anodized aluminum
Environmental Rating
IEC IP67; NEMA 6
Connections
PVC-jacketed 4-conductor 2 m (6.5 ft); 9 m (30 ft) attached cable; integral 4-pin
Euro-style QD fitting; or 150 mm (6 in) with 4-pin Euro-style QD fitting. Mating
QD cordsets are purchased separately.
Operating Conditions
Temperature: −10 °C to +55 °C (+14 °F to +131 °F)
Storage Temperature −20 °C to +80 °C (−4 °F to +176 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Vibration and Shock
All models meet IEC 68-2-6 and IEC 68-2-27 testing criteria
Application Notes
1. Do not mount the sensor directly perpendicular to shiny surfaces;
position it at approximately 15 angle in relation to the sensing
target.
2. Minimize web or product "flutter" whenever possible to maximize
sensing reliability. Position sensor near a roller if possible.
3. The lens may be installed in either of the two lens ports. The lens
port cap must be installed on the unused port for reliable operation.
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local
and national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
R58A Series Registration Mark Sensors
P/N 144736 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com