Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-R55 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # UC-R55
Description  R58A Series Registration Mark Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-R55 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  UC-R55 Datasheet HTML 1Page - Banner Engineering Corp. UC-R55 Datasheet HTML 2Page - Banner Engineering Corp. UC-R55 Datasheet HTML 3Page - Banner Engineering Corp. UC-R55 Datasheet HTML 4Page - Banner Engineering Corp. UC-R55 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Overview
R58A sensors offer high-performance, cost-effective registration mark sensing
featuring a single emitter color and simplified sensor setup and adjustment.
The switching threshold is adjusted with a potentiometer, and two green LEDs assist
with setting the optimal threshold. Output status information is provided by an
amber output LED. Light Operate or Dark Operate is also easily selectable via the
LO/DO selection switch.
The fast 10 kHz switching frequency and 15 microsecond repeatability ensure
reliability in high-speed operations. Models are available with a parallel or
perpendicular sensing image, as well as a 20 millisecond OFF-delay to solve a variety
of applications. The rugged zinc alloy die-cast housing and high quality acrylic lens
are designed to handle ambient electrical noise and vibration from presses and die
cutting machinery.
1. Amber Output Indicator
2. Green Setup Indicators
3. Switching Threshold Potentiometer
4. LO/DO Selection Switch
Figure 1. Features
Wiring Diagrams
10-30V dc
–
+
1
3
2
4
Load
Load
Wiring Key:
1 = Brown
2 = White
3 = Blue
4 = Black
Set Up the Sensor
1. Align the light spot to the mark.
2. Turn the potentiometer in the direction shown by the green LED until it switches.
3. Align the light spot to the background.
4. Turn the potentiometer, and count turns, in the direction shown by green LED until it switches.
R58A Series Registration Mark Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 144736 Rev. B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com