Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR33B565JB Datasheet(PDF) 69 Page - Kemet Corporation

Part # CSR33B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR33B565JB Datasheet(HTML) 69 Page - Kemet Corporation

Back Button CSR33B565JB Datasheet HTML 65Page - Kemet Corporation CSR33B565JB Datasheet HTML 66Page - Kemet Corporation CSR33B565JB Datasheet HTML 67Page - Kemet Corporation CSR33B565JB Datasheet HTML 68Page - Kemet Corporation CSR33B565JB Datasheet HTML 69Page - Kemet Corporation CSR33B565JB Datasheet HTML 70Page - Kemet Corporation CSR33B565JB Datasheet HTML 71Page - Kemet Corporation CSR33B565JB Datasheet HTML 72Page - Kemet Corporation CSR33B565JB Datasheet HTML 73Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
®
KEMET
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
69
TANTALUM DIPPED / 3 LEADED
T396 & T398 SERIES “ULTRADIP III”
KEMET UltraDip III Capacitors offer the advantages of solid tanta-
lum construction and a “fail-safe” insertion mechanism. The three-
leaded design (the anode is in the center) enables operators to
insert the capacitors into printed circuit boards correctly without hav-
ing to visually determine polarity. This timesaving device also elimi-
nates board damage that may result from incorrect insertion.
The UltraDip III Series features a capacitance range of 0.1 to 680
µF at 3 to 50 VDC. These miniature dipped solid tantalum capacitors
are encased in a tough plastic barrier coating that maintains the pre-
cise lead wire spacing within ±0.015 inch. The gold color epoxy per-
mits laser markings with outstanding permanency and legibility. All
case sizes are printed with capacitance, voltage and vendor I.D.
The UltraDip III Series from KEMET Capacitors exhibit low DCL,
ESR and Impedance and have excellent temperature stability.
These capacitors may be ordered with precut leads (see drawing for
lengths) or in KEMET Capacitor ARIS packaging (leads taped and
on reels) for high speed automatic insertion equipment.
CAPACITOR
OUTLINE DRAWING
Both
T396
T398
Series
Case
W
T
H*
H*
Size
Width
Thickness
Height
Height
T396/T398
A
.280 (7.1)
.190 (4.8)
.310 (7.9)
.355 (9.0)
T396/T398
B
.280 (7.1)
.190 (4.8)
.320 (8.1)
.365 (9.3)
T396/T398
C
.280 (7.1)
.200 (5.1)
.360 (9.1)
.390 (9.9)
T396/T398
D
.280 (7.1)
.200 (5.1)
.370 (9.4)
.390 (9.9)
T396/T398
E
.280 (7.1)
.230 (5.8)
.380 (9.7)
.415 (10.5)
T396/T398
F
.280 (7.1)
.240 (6.1)
.410 (10.4)
.430 (10.9)
T396/T398
G
.280 (7.1)
.250 (6.3)
.420 (10.7)
.440 (11.2)
T396/T398
H
.280 (7.1)
.270 (6.9)
.420 (10.7)
.440 (11.2)
T396/T398
J
.300 (7.6)
.300 (7.6)
.460 (11.7)
.480 (12.2)
T396/T398
K
.340 (8.6)
.340 (8.6)
.500 (12.7)
.500 (12.7)
T396/T398
L
.340 (8.6)
.340 (8.6)
.560 (14.2)
.580 (14.7)
T396/T398
M
.360 (9.1)
.360 (9.1)
.620 (15.7)
.620 (15.7)
DIMENSIONS—INCHES & (MILLIMETERS)
*NOTE: “H” dimensions are from seating plane to top of capacitor.
ORDERING INFORMATION
T
39X
A
105
M
035
A
S
TANTALUM
SERIES
T396 Straight leads
T398 Standoff leads
CASE SIZE
A, B, C, D, E, F, G, H, J, K, L & M
PICOFARAD CODE
First two digits are significant
figures. Third figure is the
number of zeros following.
LEAD MATERIAL
S — Standard
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
For 6.3 Volts use 006
CAPACITANCE TOLERANCE
M — ±20% (K — 10% Special Order Only)
.187
±.032
(4.75
±.81)
.10
±.008 (2.54±.20)
W
MAX.
T
MAX.
T398
H
MAX.
.20
±.015 (5.08±.38)
.187
±.05
(4.75
±1.27)
.10
±.008 (2.54±.20)
W
MAX.
T
MAX.
T396
H
MAX.
.02
±.002
(.5
±.05)
.20
±.015 (5.08±.38)
-
+
-
.02
±.002
(.5
±.05)
Date
Code
Capacitance
(pF code)
KEMET
Trademark
Voltage
Rating
CAPACITOR
MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com