Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR33B565JB Datasheet(PDF) 14 Page - Kemet Corporation

Part # CSR33B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR33B565JB Datasheet(HTML) 14 Page - Kemet Corporation

Back Button CSR33B565JB Datasheet HTML 10Page - Kemet Corporation CSR33B565JB Datasheet HTML 11Page - Kemet Corporation CSR33B565JB Datasheet HTML 12Page - Kemet Corporation CSR33B565JB Datasheet HTML 13Page - Kemet Corporation CSR33B565JB Datasheet HTML 14Page - Kemet Corporation CSR33B565JB Datasheet HTML 15Page - Kemet Corporation CSR33B565JB Datasheet HTML 16Page - Kemet Corporation CSR33B565JB Datasheet HTML 17Page - Kemet Corporation CSR33B565JB Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
KEMET T110
MIL-PRF-39003 (CSR13) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C (Cont’d)
18.0
C
10
T110C186K050AS
4.5
4
2379 2619 2859 3099 6232 7232 8232 T212C186K020(2)S
18.0
C
20
T110C186M050AS
4.5
4
22.0
D
5
T110D226J050AS
5.5
4
5094 5294 5494 5694 6233 7233 8233 T212D226J050(2)S
22.0
D
10
T110D226K050AS
5.5
4
2380 2620 2860 3100 6234 7234 8234 T212D226K050(2)S
22.0
D
20
T110D226M050AS
5.5
4
2381 2621 2861 3101 6235 7235 8235 T212D226M050(2)S
60 VOLT RATING AT 85°C — 40 VOLT RATING AT 125°C
0.0047
A
5,10,20
T110A472(1)060AS
0.3
3
0.0056
A
5,10,20
T110A562(1)060AS
0.3
3
0.0068
A
5,10,20
T110A682(1)060AS
0.3
3
0.0082
A
5,10,20
T110A822(1)060AS
0.3
3
0.01
A
5,10,20
T110A103(1)060AS
0.3
3
0.012
A
5,10,20
T110A123(1)060AS
0.3
3
0.015
A
5,10,20
T110A153(1)060AS
0.3
3
0.018
A
5,10,20
T110A183(1)060AS
0.3
3
0.022
A
5,10,20
T110A223(1)060AS
0.3
3
0.027
A
5,10,20
T110A273(1)060AS
0.3
3
0.033
A
5,10,20
T110A333(1)060AS
0.3
3
0.039
A
5,10,20
T110A393(1)060AS
0.3
3
0.047
A
5,10,20
T110A473(1)060AS
0.3
3
0.056
A
5,10,20
T110A563(1)060AS
0.3
3
0.068
A
5,10,20
T110A683(1)060AS
0.3
3
0.082
A
5,10,20
T110A823(1)060AS
0.3
3
0.1
A
5,10,20
T110A104(1)060AS
0.5
3
0.12
A
5,10,20
T110A124(1)060AS
0.5
3
0.15
A
5,10,20
T110A154(1)060AS
0.5
3
0.18
A
5,10,20
T110A184(1)060AS
0.5
3
0.22
A
5,10,20
T110A224(1)060AS
0.5
3
0.27
A
5,10,20
T110A274(1)060AS
0.5
3
0.33
A
5,10,20
T110A334(1)060AS
0.5
3
0.39
A
5,10,20
T110A394(1)060AS
0.5
3
0.47
A
5,10,20
T110A474(1)060AS
0.5
3
0.56
A
5,10,20
T110A564(1)060AS
0.5
3
0.68
A
5,10,20
T110A684(1)060AS
0.5
3
0.82
B
5,10,20
T110B824(1)060AS
0.5
3
1.0
B
5,10,20
T110B105(1)060AS
0.5
3
1.2
B
5,10,20
T110B125(1)060AS
0.5
4
1.5
B
5,10,20
T110B155(1)060AS
0.5
4
1.8
B
5,10,20
T110B185(1)060AS
0.5
4
2.2
B
5,10,20
T110B225(1)060AS
1.0
4
2.7
B
5,10,20
T110B275(1)060AS
1.0
4
3.3
B
5,10,20
T110B335(1)060AS
1.5
4
3.9
B
5,10,20
T110B395(1)060AS
1.5
4
4.7
C
5,10,20
T110C475(1)060AS
2.0
4
5.6
C
5,10,20
T110C565(1)060AS
2.0
4
6.8
C
5,10,20
T110C685(1)060AS
3.0
4
8.2
C
5,10,20
T110C825(1)060AS
4.0
4
10.0
C
5,10,20
T110C106(1)060AS
5.0
4
12.0
C
5,10,20
T110C126(1)060AS
5.0
4
15.0
D
5,10,20
T110D156(1)060AS
4.0
4
18.0
D
5,10,20
T110D186(1)060AS
5.0
4
22.0
D
5,10,20
T110D226(1)060AS
6.0
4
75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C
0.0047
A
5,10,20
T110A472(1)075AS
0.3
2
0.0056
A
5,10,20
T110A562(1)075AS
0.3
2
0.0068
A
5,10,20
T110A682(1)075AS
0.3
2
0.0082
A
5,10,20
T110A822(1)075AS
0.3
2
0.01
A
5,10,20
T110A103(1)075AS
0.3
2
®
KEMET
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003
T110 SERIES — POLAR TYPE & T212 (CSR13)
14
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/1H
EXPONENTIAL
MIL-PRF-39003/1H
GRADED
(1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com