Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR33B565JB Datasheet(PDF) 53 Page - Kemet Corporation

Part # CSR33B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR33B565JB Datasheet(HTML) 53 Page - Kemet Corporation

Back Button CSR33B565JB Datasheet HTML 49Page - Kemet Corporation CSR33B565JB Datasheet HTML 50Page - Kemet Corporation CSR33B565JB Datasheet HTML 51Page - Kemet Corporation CSR33B565JB Datasheet HTML 52Page - Kemet Corporation CSR33B565JB Datasheet HTML 53Page - Kemet Corporation CSR33B565JB Datasheet HTML 54Page - Kemet Corporation CSR33B565JB Datasheet HTML 55Page - Kemet Corporation CSR33B565JB Datasheet HTML 56Page - Kemet Corporation CSR33B565JB Datasheet HTML 57Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
H**
W
T
LEAD SPACING
LEAD LENGTH
LEAD DIAMETER
CASE
(MAX)
(MAX)
(MAX)
S
L
D
SIZE
H
W
T
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
inches
mm
±.020
±.5
±.078
±2.0
±.001
±.03
A
.287
7.3
.185
4.7
.165
4.2
.100
2.5
.600
15.0
.020
0.50
B
.327
8.3
.283
7.2
.157
4.0
.200
5.0
.600
15.0
.020
0.50
C
.413
10.5
.287
7.3
.169
4.3
.200
5.0
.600
15.0
.020
0.50
D
.413
10.5
.484
12.3
.287
7.3
.400
10.0
.600
15.0
.025
0.64
E
.413
10.5
.484
12.3
.484
12.3
.400
10.0
.600
15.0
.025
0.64
F
.413
10.5
.484
12.3
.287
7.3
.200
5.0
.600
15.0
.025
0.64
®
KEMET
TANTALUM MOLDED / RADIAL
T340 SERIES - PRECISION MOLDED - RADIAL LEADS
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
53
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS — INCHES & MILLIMETERS
**Includes Standoff Height of .015 ± .005” (.38 ± .13 mm) for All Case Sizes.
ORDERING INFORMATION
T
340
A
105
M
035
A
S*
TANTALUM
SERIES
Radial Lead
Precision Molded Polar
Solid Tantalum
CASE SIZE
A / B / C / D / E / F
PICOFARAD CODE
First two digits are significant figures.
Third digit is the number of zeros following.
LEAD MATERIAL
S — Standard
(solder-coated copperweld)
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
CAPACITANCE
TOLERANCE
M — ±20% — Std.
K — ±10%
J — ±5%
Available on
request
}
*Part Number Example: T340A105M035AS (14 digits – no spaces)
F case size is the same as D, but with .200" (5.0 mm) lead spacing. Specify T340F when ordering this spacing.
TOP
A Case
T
T
T
T
T
B Case
C Case
D or F Case
E Case
A Case
S
SIDE
S
S
S
S
D
D
D
L
H
L
H
L
H
W
W
L
H
L
H
L
H
W
W
W
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com