Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565KB Datasheet(PDF) 70 Page - Kemet Corporation

Part # CSR09B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565KB Datasheet(HTML) 70 Page - Kemet Corporation

Back Button CSR09B565KB Datasheet HTML 66Page - Kemet Corporation CSR09B565KB Datasheet HTML 67Page - Kemet Corporation CSR09B565KB Datasheet HTML 68Page - Kemet Corporation CSR09B565KB Datasheet HTML 69Page - Kemet Corporation CSR09B565KB Datasheet HTML 70Page - Kemet Corporation CSR09B565KB Datasheet HTML 71Page - Kemet Corporation CSR09B565KB Datasheet HTML 72Page - Kemet Corporation CSR09B565KB Datasheet HTML 73Page - Kemet Corporation CSR09B565KB Datasheet HTML 74Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
3 VOLT RATING AT 85°C —
2 VOLT RATING AT 125°C
4.7
A
T39(1)A475(2)003AS
0.5
5
6.8
A
T39(1)A685(2)003AS
0.5
5
10.0
A
T39(1)A106(2)003AS
0.5
6
15.0
B
T39(1)B156(2)003AS
0.5
6
22.0
C
T39(1)C226(2)003AS
0.5
6
33.0
D
T39(1)D336(2)003AS
0.8
6
47.0
E
T39(1)E476(2)003AS
1.1
6
68.0
F
T39(1)F686(2)003AS
1.6
6
100.0
G
T39(1)G107(2)003AS
2.4
8
150.0
H
T39(1)H157(2)003AS
3.6
8
220.0
J
T39(1)J227(2)003AS
5.3
8
330.0
K
T39(1)K337(2)003AS
7.9
8
470.0
L
T39(1)L477(2)003AS
10.0
9
680.0
M
T39(1)M687(2)003AS
10.0
9
10 VOLT RATING AT 85°C —
7 VOLT RATING AT 125°C
2.2
A
T39(1)A225(2)010AS
0.5
5
3.3
A
T39(1)A335(2)010AS
0.5
5
4.7
A
T39(1)A475(2)010AS
0.5
5
6.8
B
T39(1)B685(2)010AS
0.5
5
10.0
C
T39(1)C106(2)010AS
0.8
6
15.0
E
T39(1)E156(2)010AS
1.2
6
22.0
E
T39(1)E226(2)010AS
1.8
6
33.0
F
T39(1)F336(2)010AS
2.6
6
47.0
H
T39(1)H476(2)010AS
3.8
6
68.0
H
T39(1)H686(2)010AS
5.4
6
100.0
J
T39(1)J107(2)010AS
8.0
8
150.0
K
T39(1)K157(2)010AS
10.0
8
220.0
l
T39(1)L227(2)010AS
10.0
8
20 VOLT RATING AT 85°C —
13 VOLT RATING AT 125°C
1.0
A
T39(1)A105(2)020AS
0.5
3
1.5
A
T39(1)A155(2)020AS
0.5
5
2.2
A
T39(1)A225(2)020AS
0.5
5
3.3
B
T39(1)B335(2)020AS
0.5
5
4.7
C
T39(1)C475(2)020AS
0.8
5
6.8
D
T39(1)D685(2)020AS
1.1
5
10.0
E
T39(1)E106(2)020AS
1.6
6
15.0
F
T39(1)F156(2)020AS
2.4
6
22.0
G
T39(1)G226(2)020AS
3.5
6
33.0
J
T39(1)J336(2)020AS
5.3
6
47.0
K
T39(1)K476(2)020AS
7.5
6
68.0
L
T39(1)L686(2)020AS
10.0
6
100.0
M
T39(1)M107(2)020AS
10.0
8
35 VOLT RATING AT 85°C —
23 VOLT RATING AT 125°C
0.10
A
T39(1)A104(2)035AS
0.5
3
0.15
A
T39(1)A154(2)035AS
0.5
3
0.22
A
T39(1)A224(2)035AS
0.5
3
0.33
A
T39(1)A334(2)035AS
0.5
3
0.47
A
T39(1)A474(2)035AS
0.5
3
0.68
A
T39(1)A684(2)035AS
0.5
3
1.0
A
T39(1)A105(2)035AS
0.5
3
1.5
B
T39(1)B155(2)035AS
0.5
5
2.2
C
T39(1)C225(2)035AS
0.6
5
3.3
D
T39(1)D335(2)035AS
0.9
5
4.7
E
T39(1)E475(2)035AS
1.3
5
6.8
F
T39(1)F685(2)035AS
1.9
5
10.0
G
T39(1)G106(2)035AS
2.8
6
15.0
J
T39(1)J156(2)035AS
4.2
6
22.0
K
T39(1)K226(2)035AS
6.2
6
33.0
L
T39(1)L336(2)035AS
9.2
6
47.0
M
T39(1)M476(2)035AS
10.0
6
®
KEMET
TANTALUM DIPPED / 3 LEADED —POLAR
T396 & T398 SERIES “ULTRADIP III”
70
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
6.3 VOLT RATING AT 85°C —
4 VOLT RATING AT 125°C
3.3
A
T39(1)A335(2)006AS
0.5
5
4.7
A
T39(1)A475(2)006AS
0.5
5
6.8
A
T39(1)A685(2)006AS
0.5
5
10.0
B
T39(1)B106(2)006AS
0.5
6
15.0
C
T39(1)C156(2)006AS
0.7
6
22.0
D
T39(1)D226(2)006AS
1.1
6
33.0
E
T39(1)E336(2)006AS
1.6
6
47.0
F
T39(1)F476(2)006AS
2.3
6
68.0
G
T39(1)G686(2)006AS
3.3
6
100.0
H
T39(1)H107(2)006AS
4.8
8
150.0
J
T39(1)J157(2)006AS
7.2
8
220.0
K
T39(1)K227(2)006AS
10.0
8
330.0
L
T39(1)L337(2)006AS
10.0
8
16 VOLT RATING AT 85°C —
10 VOLT RATING AT 125°C
1.5
A
T39(1)A155(2)016AS
0.5
5
2.2
A
T39(1)A225(2)016AS
0.5
5
3.3
A
T39(1)A335(2)016AS
0.5
5
4.7
B
T39(1)B475(2)016AS
0.6
5
6.8
C
T39(1)C685(2)016AS
0.9
5
10.0
E
T39(1)E106(2)016AS
1.3
6
15.0
E
T39(1)E156(2)016AS
1.8
6
22.0
F
T39(1)F226(2)016AS
2.6
6
33.0
H
T39(1)H336(2)016AS
4.0
6
47.0
J
T39(1)J476(2)016AS
5.6
6
68.0
K
T39(1)K686(2)016AS
8.2
6
100.0
L
T39(1)L107(2)016AS
10.0
8
150.0
M
T39(1)M157(2)016AS
10.0
8
25 VOLT RATING AT 85°C —
16.5 VOLT RATING AT 125°C
1.0
A
T39(1)A105(2)025AS
0.5
3
1.5
A
T39(1)A155(2)025AS
0.5
5
2.2
B
T39(1)B225(2)025AS
0.5
5
3.3
B
T39(1)B335(2)025AS
0.7
5
4.7
C
T39(1)C475(2)025AS
0.9
5
6.8
E
T39(1)E685(2)025AS
1.4
5
10.0
E
T39(1)E106(2)025AS
2.0
6
15.0
G
T39(1)G156(2)025AS
3.0
6
22.0
H
T39(1)H226(2)025AS
4.4
6
33.0
J
T39(1)J336(2)025AS
6.6
6
47.0
K
T39(1)K476(2)025AS
9.4
6
68.0
L
T39(1)L686(2)025AS
10.0
6
50 VOLT RATING AT 85°C —
33 VOLT RATING AT 125°C
0.10
A
T39(1)A104(2)050AS
0.5
3
0.15
A
T39(1)A154(2)050AS
0.5
3
0.22
A
T39(1)A224(2)050AS
0.5
3
0.33
A
T39(1)A334(2)050AS
0.5
3
0.47
B
T39(1)B474(2)050AS
0.5
3
0.68
B
T39(1)B684(2)050AS
0.5
3
1.0
B
T39(1)B105(2)050AS
0.5
3
1.5
E
T39(1)E155(2)050AS
0.6
5
2.2
E
T39(1)E225(2)050AS
0.9
5
3.3
F
T39(1)F335(2)050AS
1.3
5
4.7
G
T39(1)G475(2)050AS
1.9
5
6.8
J
T39(1)J685(2)050AS
2.7
5
10.0
K
T39(1)K106(2)050AS
4.0
6
15.0
L
T39(1)L156(2)050AS
6.0
6
22.0
M
T39(1)M226(2)050AS
8.8
6
(1) To complete KEMET Part Number, insert Series Designation as follows: “6” = T396, “8” = T398.
(2) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: “M” = ±20%, “K” = ±10%.
NOTE: Higher voltage/tigher tolerance products may be shipped, at KEMET’s option, within the same case size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com