Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565KB Datasheet(PDF) 77 Page - Kemet Corporation

Part # CSR09B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565KB Datasheet(HTML) 77 Page - Kemet Corporation

Back Button CSR09B565KB Datasheet HTML 73Page - Kemet Corporation CSR09B565KB Datasheet HTML 74Page - Kemet Corporation CSR09B565KB Datasheet HTML 75Page - Kemet Corporation CSR09B565KB Datasheet HTML 76Page - Kemet Corporation CSR09B565KB Datasheet HTML 77Page - Kemet Corporation CSR09B565KB Datasheet HTML 78Page - Kemet Corporation CSR09B565KB Datasheet HTML 79Page - Kemet Corporation CSR09B565KB Datasheet HTML 80Page - Kemet Corporation CSR09B565KB Datasheet HTML 81Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
9. WORKING VOLTAGE
This is the maximum recommended peak DC operat-
ing voltage for continuous duty at or below 85°C without
DC voltage surges or AC ripple superimposed. No voltage
derating is required below 85°C. Capacitors may be oper-
ated to 125°C with working voltage linearly derated to 2/3
of the 85°C rating at 125°C as shown in Figure 6.
10. SURGE VOLTAGE
Surge voltage is defined as the maximum voltage to
which the capacitor should be subjected under transient
conditions, including peak AC ripple and all DC transients.
TABLE 1
Surge Voltage Ratings
A typical surge voltage test is performed at +85°C
with the applicable surge voltage per Table 1. The surge
voltage is applied for 1000 cycles of 30 seconds on volt-
age through a 33 ohm series resistor and 30 seconds off
voltage with the capacitor discharged through a 33 ohm
resistor. Upon completing the test, the capacitors are
allowed to stabilize at room temperature. Capacitance, DF,
and DCL are then tested:
1.
The DCL should not exceed the initial 25°C limit.
2.
The capacitance should be within ±10% of initial
value.
3.
The DF should not exceed the initial 25°C limit.
11. REVERSE VOLTAGE
Although these are polar capacitors, some degree of
transient voltage reversal is permissible, as seen below.
The capacitors should not be operated continuously in
reverse mode, even within these limits.
TABLE 2
Reverse Voltage Ratings
12. EQUIVALENT SERIES RESISTANCE (ESR)
Equivalent Series Resistance (ESR) is the preferred
high-frequency statement of the resistance unavoidably
appearing in these capacitors. ESR is not a pure resis-
tance, and it decreases with increasing frequency. Typical
ESR limits are established in each specific product series.
However, the ESR limits provided are for reference only,
and are not necessarily the actual value that a particular
Series product will attain.
Total impedance of the capacitor is the vector sum of
capacitive reactance (X
C) and ESR, below resonance;
above resonance total impedance is the vector sum of
inductive reactance (X
L) and ESR.
To understand the many elements of a capacitor, see
Figure 8.
A capacitor is a complex impedance consisting of
many series and parallel elements, each adding to the
complexity of the measurement system.
L — Represents lead wire and construction induc-
tance. In most instances (especially in solid tantalum and
®
KEMET
APPLICATION NOTES FOR TANTALUM CAPACITORS
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
77
-75
Figure 6.
Temperature -
°C
150
125
100
75
50
25
0
-50
-25
0
+25
+50
+75
+100 +125
Working Voltage Change with Temperature
DC Working
15/
Voltage @ 85°C
2 3 4 6 10 16 20 25 35 50 60 75 100 125
Surge Voltage
@ 85°C
2.6 4 5.3 8 13 20 26 33 46 65 78 98 130 140
Percentage of
Temperature, °C.
Rated Voltage
+25
15
+85
5
+125
1
XC
ESR
δ
θ
Ζ
Figure 7a
Total Impedance of the Capacitor
Below Resonance
XC =
2
πfC
1 ohm
where:
f = frequency, Hertz
C = capacity, Farad
XL
ESR
δ
θ
Ζ
Figure 7b
Total Impedance of the Capacitor
Above Resonance
XL = 2πfL
where:
f = frequency, Hertz
L = inductance, Henries
L
RS
C
RL
Cd
Rd
Figure 8.
The Real Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com