Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565KB Datasheet(PDF) 73 Page - Kemet Corporation

Part # CSR09B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565KB Datasheet(HTML) 73 Page - Kemet Corporation

Back Button CSR09B565KB Datasheet HTML 69Page - Kemet Corporation CSR09B565KB Datasheet HTML 70Page - Kemet Corporation CSR09B565KB Datasheet HTML 71Page - Kemet Corporation CSR09B565KB Datasheet HTML 72Page - Kemet Corporation CSR09B565KB Datasheet HTML 73Page - Kemet Corporation CSR09B565KB Datasheet HTML 74Page - Kemet Corporation CSR09B565KB Datasheet HTML 75Page - Kemet Corporation CSR09B565KB Datasheet HTML 76Page - Kemet Corporation CSR09B565KB Datasheet HTML 77Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
®
KEMET
PACKAGING INFORMATION
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
73
TANTALUM PACKAGING
Standard
Standard
Ammo
Ammo
KEMET(1)
Military
Military
Case
Bulk(2)
Reel
Reel
Pack
Pack
Number
Style
Specification
Size
Quantity
Quantity
Size
Quantity
Spec.
T110/T212,
CSR13
MIL-C-39003/1
A
150/Box
3500
12"
1500
C-7293
T140/T242,
CSR23
MIL-C-39003/3
B
75/Box
2500
12"
1000
Class I
T252,
CSR33
MIL-C-39003/6
C
20/Tray
500
12"
250
C-7442
T262 (C & D)
CSR21
MIL-C-39003/9
D
20/Tray
400
12"
250
Class II
C-7443
Class III
See Page 71
for class info.
T111/T213
CSR91
MIL-C-39003/4
A
60/Box
3000
12"
N/A
N/A
B
30/Box
2000
12"
C
10/Card
N/A
N/A
D
10/Card
N/A
N/A
T210,
A
40/Tray
3500
12"
N/A
N/A
T216,
CSS13
MIL-C-39003/10
B
30/Tray
2500
12"
N/A
N/A
T240,
C
20/Tray
500
12"
N/A
N/A
T256
CSS33
MIL-C-39003/10
D
20/Tray
400
12"
N/A
N/A
T222
CSR09
MIL-C-39003/2
A/B
50/Tray
N/A
N/A
N/A
N/A
A
300/Box
N/A
N/A
N/A
B
150/Box
T322/T323
CX01,
MIL-C-49137/1 & 5
A
300
4500
12"
2000
C-7293
CX05
B
250
4000
12"
2000
Class I
C
100
2500
12"
1000
C-7442
D
100
2500
12"
1000
Class II
E
100
500
12"
250
C-7443
F
100
500
12"
250
Class III
See Page 71
T330
A
400
1000
12"
1600
B
300
1000
12"
1200
C
200
1000
12"
1200
D
100
N/A
N/A
N/A
T340
A
300
1000
12"
1600
B
300
1000
12"
1500
C
200
1000
12"
1500
D
100
250
12"
450
E
50
150
12"
N/A
F
100
N/A
N/A
N/A
T350,
A
1000
1500
12"
2500
T351,
B
1000
1500
12"
2500
T352,
C
1000
1500
12"
2500
T353,
D
1000
1000
12"
2000
T354,
E
1000
1000
12"
2000
T355,
F
500
1000
12"
1500
T356
G
500
1000
12"
1500
H
500
800
12"
1500
J
100
800
12"
800
K
100
500
12"
800
L, M
100
500
12"
500
NOTE: (1) Each KEMET number in its section applies to all case sizes.
(2) Standard packaging refers to number of pieces per bag, box, tray or vial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com