Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 112Page - STMicroelectronics STR720 Datasheet HTML 113Page - STMicroelectronics STR720 Datasheet HTML 114Page - STMicroelectronics STR720 Datasheet HTML 115Page - STMicroelectronics STR720 Datasheet HTML 116Page - STMicroelectronics STR720 Datasheet HTML 117Page - STMicroelectronics STR720 Datasheet HTML 118Page - STMicroelectronics STR720 Datasheet HTML 119Page - STMicroelectronics STR720 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 401 page
background image
STR720 - EXTERNAL MEMORY INTERFACE (EMI)
116/401
11.3 Functional Description
The External Memory Interface is a configurable peripheral aimed to ease the connection of
external memory components. EMI memory map is detailed in Table 31. Each memory
address region (Bank), with the exception of Bank 0, has a configurable base address (with a
granularity of 2k in the 8M total address space) and a configurable size. For bank 1 base
address is selected via a dedicated 16-bit register (BBASE1) that defines the upper 16 bits of
the range over which the relevant chip select will be active.
For bank 1 the user has the freedom of independently choosing bank start address and bank
size. Since the physical address going to the external memory (EAdd[22:1]) is simply obtained
by dropping bits from 31 to 23 of the AHB address, it may happen that the lowest address of
the bank does not map to the lowest address of the external memory. This does not mean that
the one-to-one correspondence between an address and a physical location in the memory is
lost: it means only that lowest address of the bank (as defined by bbase) will map somewhere
in the middle of the memory and that, after reaching the top of the physical memory, the
address will wrap around to zero.
In the special case in which the bank start address is programmed to be a multiple of the bank
length, the usual result of having the lowest address of the bank mapped to the lowest
address of the external memory is obtained. Therefore, to get this usual mapping, a 64 kbyte
memory should be only mapped at 64k boundaries, a 128 kbyte memory should be only
mapped at 128k boundaries and so on. It is up to the user the consistent programming of the
“base” and “length” registers.
11.3.1
EMI Programmable Timings
Each memory bank of the EMI can have a programmable number of wait states (up to 7)
added to any read or write cycle: this is accomplished via the C_LENGTH bitfield of the
BCONx register (x=0,..,1).
This C_SETUP programing will translate in different cycle lengths, depending on the Read or
Write type of operation and depending on the bank on which the operation is performed.
For write cycles which translate in a single external bus operation (e.g. a 16-bit write), the total
length (measured in EMI internal clock units) that a single access will require (equal to the
length over which the Chip Select will be active) will depend on the memory bank the cycle is
executed on. It can be calculated through the formula:
Setup Write Enable Time
Hold
CS Length (Write, Bank 0/1) = 0
+ (C_LENGTH+1)
+ 1
Table 31. EMI Address Map
Bank Start Address
Description
Size
Bus Width
0b_0
Bank 0 (CS0)
64k - 8M
16
0b_BBASE1[11:0] | 000_0000_0000
Bank 1 (CS1)
64k - 8M
16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com