Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 114Page - STMicroelectronics STR720 Datasheet HTML 115Page - STMicroelectronics STR720 Datasheet HTML 116Page - STMicroelectronics STR720 Datasheet HTML 117Page - STMicroelectronics STR720 Datasheet HTML 118Page - STMicroelectronics STR720 Datasheet HTML 119Page - STMicroelectronics STR720 Datasheet HTML 120Page - STMicroelectronics STR720 Datasheet HTML 121Page - STMicroelectronics STR720 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 401 page
background image
STR720 - EXTERNAL MEMORY INTERFACE (EMI)
118/401
11.3.2
Write Access Examples
In the Figure 11 shown below, a 16-bit write is being performed. The external bus width is also
16 bits. As can be seen from the diagram, all 2 external write strobes are asserted for the
duration of the write cycle. This is a one-cycle write and takes 5 AHB_CLK cycles to complete
(C_LENGTH = 3). The 1 LSB of the external address is not modified since it is a 16-bit
external bus.
11.3.3
Read Access Examples
The diagram in Figure 12 shows a basic READ operation. In the case of a READ only 1
external read strobe is required (ERDN). In this example, a 32-bit read is being performed on
the AHB but since the external bus size is 16 bits, it is necessary for the EMI peripheral to
perform 2 successive read operations. The results from the 1st read operation are latched
Figure 11. 16-bit write cycle
AHB_CLK
C_Length[2:0]
Ecs0n
Ewr0n
Ewr1n
Eadd[21:0]
Edata[15:0]
Erdn
(Output)
AHB address[22:1]
0x3
Access Length (3 Wait States)
Data
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com