Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 115Page - STMicroelectronics STR720 Datasheet HTML 116Page - STMicroelectronics STR720 Datasheet HTML 117Page - STMicroelectronics STR720 Datasheet HTML 118Page - STMicroelectronics STR720 Datasheet HTML 119Page - STMicroelectronics STR720 Datasheet HTML 120Page - STMicroelectronics STR720 Datasheet HTML 121Page - STMicroelectronics STR720 Datasheet HTML 122Page - STMicroelectronics STR720 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 401 page
background image
STR720 - EXTERNAL MEMORY INTERFACE (EMI)
119/401
internally in the EMI block (In this case - “DAAD” - i.e 16 LSBs of EDATA) so that the correct
data (i.e “6FF6DAAD”) is output on the AHB Data Bus (“HRDATA”).
For the 1st read operation, EAdd[1] is assigned “0”, for the second this is changed in “1”.
Since C_LENGTH = 1, total length of access is 6 AHB_CLK cycles, first word is sampled
3 AHB_CLK cycles after chip select activation and second word is sample 2 AHB_CLK cycles
after valid address (see formulas in Section 11.3.1:
EMI Programmable Timings on
page 116). In this example the minimum time for a read cycle is 2 AHB_CLK cycles.
Note
It must be noted that when a 32-bit access cycle is requested, Ecsxn line remains
active low across the two 16-bit cycles automatically generated by EMI where only bit
0 of Eadd bus changes. As a consequence EMI should be used in this configuration
only with external memory devices that do not latch the address bus on the Ecsxn
falling edge, but instead change their output bus data directly following the address
bus change while Ecsxn is kept low. This capability is often referred to as “Array data
reading” in memory device datasheets.
Figure 12. 32-bit Read cycle on 16-bit memory bus
AHB_CLK
C_Length[2:0]
Ecs0n
Ewr0n
Ewr1n
Eadd[21:1]
Edata[15:0]
Erdn
(Input)
AHB address[22:2]
0x0
DAADH
Total Access Length (1 Wait States,)
6FF6H
0x0
0x1
Eadd[0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com