Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 117Page - STMicroelectronics STR720 Datasheet HTML 118Page - STMicroelectronics STR720 Datasheet HTML 119Page - STMicroelectronics STR720 Datasheet HTML 120Page - STMicroelectronics STR720 Datasheet HTML 121Page - STMicroelectronics STR720 Datasheet HTML 122Page - STMicroelectronics STR720 Datasheet HTML 123Page - STMicroelectronics STR720 Datasheet HTML 124Page - STMicroelectronics STR720 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 401 page
background image
STR720 - EXTERNAL MEMORY INTERFACE (EMI)
121/401
Bit 5
BE: Bank 0 Enable.
BE bit enables Bank 0 of memory.
= 1. Bank enabled.
= 0. Bank disabled.
Bit 4:2
C_LENGTH[2:0]: Cycle Length.
The C_LENGTH field selects the number of wait states that will be inserted in any
read/write cycle performed in memory Bank 0. The total CS length of any read or
write cycle will be equal to C_LENGTH+2 periods of the EMI internal clock.
= 0x0. 0 wait states.
= 0x1. 1 wait state.
= 0x2. 2 wait states.
= 0x3. 3 wait states.
....
= 0x7. 7 wait states.
Bit 1
Reserved. This bit must be always written to ‘0’.
Bit 0
Reserved. This bit must be always written to ‘1’.
Note
When asynchronous ready operation is configured (EREN = 1 and ISYN0 = 0) the
number of wait states configured in C_LENGTH field must be greater than 4.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com