Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 127 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 123Page - STMicroelectronics STR720 Datasheet HTML 124Page - STMicroelectronics STR720 Datasheet HTML 125Page - STMicroelectronics STR720 Datasheet HTML 126Page - STMicroelectronics STR720 Datasheet HTML 127Page - STMicroelectronics STR720 Datasheet HTML 128Page - STMicroelectronics STR720 Datasheet HTML 129Page - STMicroelectronics STR720 Datasheet HTML 130Page - STMicroelectronics STR720 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
127/401
12.3 Functional Description
The ATAPI-IDE interface allows the application to communicate with an external ATAPI-IDE
device via PBI. The 82371-type IDE is connected to the AHB bus as a slave. Operation of the
interface is independent of the AHB_CLK:PBI ratio, typical ratios will be 2:1 or 3:1.
Figure 13. ATAPI-IDE Interface overview Block Diagram
AHB Wait states are inserted until the ATAPI-IDE interface has responded to the transaction.
The number of wait states will vary depending on the clock ratio and on the stage of the PBI
cycle in which the AHB transaction is initiated. Typical values will be 3 or 4 wait states for a
ratio of 2:1, and 5 or 6 wait states for a divide ratio of 3:1.
The above assumes that the PBI does not insert any wait states. For each cycle the PBI
de-asserts the RDY signal, the AHB will have additional wait states equivalent to the divide
ratio inserted. i.e. 2 for 2:1, 3 for 3:1 etc.
IDD[0:15]
IDA[0:2]
IDiorn
IDiown
ICs0n
ICs1n
IOrdy
ATAPI IDE
DEVICE
IRQ15 to EIC
82371 ATAPI IDE
Irq
IDE
CONFIGURATION
REGISTER BLOCK
IDE COMMAND
REGISTER BLOCK
ATAPICLK
(FROM RCCU)
PBI CLK
Clock Gating Bit
Peripheral Under Reset Bit
(A3BRG_PUR0 register)
(A3BRG_PCG0 register)
STR720
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com