Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 129 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 125Page - STMicroelectronics STR720 Datasheet HTML 126Page - STMicroelectronics STR720 Datasheet HTML 127Page - STMicroelectronics STR720 Datasheet HTML 128Page - STMicroelectronics STR720 Datasheet HTML 129Page - STMicroelectronics STR720 Datasheet HTML 130Page - STMicroelectronics STR720 Datasheet HTML 131Page - STMicroelectronics STR720 Datasheet HTML 132Page - STMicroelectronics STR720 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
129/401
12.5 Register map
The register map is split into two sections. One for IDE Command registers and the other for
IDE Configuration registers. Bit 8 of the location address is used to decode which bank of
registers is being accessed, as it is indicated by the address offset reported in the following
tables. All addresses specified for the two register blocks are expressed as offsets with
respect to the ATAPI-IDE register base address located at 0xC000_0000.
12.5.1.1 IDE Command Register Access
Although the IDE Command registers are mapped on byte locations in the STR720 memory map they do
not behave in the same way as other memory locations. Accessing a register causes the IDE interface to
fetch the selected register from the external IDE device.
The IDE Command registers are accessed individually. This means that it is not possible to access more
than one register with a single instruction, even using a 16 or 32- bit instruction.
A word access to Cylinder low, will not access Cylinder high etc.
The IDE data register is different from the other registers in the command register block. Although the data
register is mapped on a single byte location, it can be accessed using 16 or 32-bit instructions. A 32-word
access results in two 16-bit accesses to the IDE device to complete the word on the AHB bus. A half word
access results in one access to the device returning 16 bits of Data.
12.5.1
IDE Command Block Register Set
Addr.
Offset
Register Name
76
5432
10
000h-
00fh
Reserved
Primary IDE Port Command/Data
010h
Data
DATA (rw)
011h Error/Features
ERROR (r) / FEATURES (w)
012h
Sector Count
SECTOR COUNT (rw)
013h Sector Number
SECTOR NUMBER LBA [7:0] (rw)
014h
Cylinder Low
CYLINDER LOW LBA [15:8] (rw)
015h Cylinder High
CYLINDER HIGH LBA [23:16] (rw)
016h
Device Head
DEVICE / HEAD LBA [27:24] (rw)
017h
Status/
Command
STATUS (r) / COMMAND (w)
018h
-
025h
Reserved
Primary IDE Port Control/Status
026h
Alternate Sta-
tus/
Device Control
ALTERNATE STATUS (r) / DEVICE CONTROL (w)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com