Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 126Page - STMicroelectronics STR720 Datasheet HTML 127Page - STMicroelectronics STR720 Datasheet HTML 128Page - STMicroelectronics STR720 Datasheet HTML 129Page - STMicroelectronics STR720 Datasheet HTML 130Page - STMicroelectronics STR720 Datasheet HTML 131Page - STMicroelectronics STR720 Datasheet HTML 132Page - STMicroelectronics STR720 Datasheet HTML 133Page - STMicroelectronics STR720 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
130/401
12.5.2
IDE Configuration Register Set
Note
Access to the IDE Control Registers is not supported. These registers are used to
control access to the Master interface of the on-chip IDE controller, which is not
supported by this interface.
Note
The Master Latency Timer, bus Master interface address, Ultra DMA Control and
Ultra DMA Timing Registers in the IDE Configuration block should not be used.
These are omitted from the memory map above, flagging their location as reserved.
Addr.
Offset
Register Name
76
5432
10
100h
VENID
(Vendor ID)
Manufacturer’s Identification Number (r)
101h
102h
DEVID
(Device ID)
Device Identification Number (r)
103h
104h
XCMD
(Command)
Reserved
ATAPI Enable
(rw)
105h
Reserved
106h
XSTS
(Status)
Reserved
107h
Reserved
Master Target
Abort Status
(MTAS) (rc)
Receive Target
Abort
(RTA) (rc)
Signaled Target
Abort Status
(STAS) (rc)
Devsel Timing Status
(DEVTS) (r)
Reserved
108h
REVID
(Revision ID)
Revision Identification Number
(r)
109h
(CCP)
Class Code
Programming
Class Code Programming
(r)
10Ah
CCC
(Class Code)
Sub Class 7:0
(r)
10Bh
Base Class 15:8
(r)
10Ch
Reserved
10Dh
10Eh
HTYPE
(Header Type)
Defines format of configuration registers as type 0 and single function
(r)
10Fh
-
13Eh
Reserved
140h
PIDETIM
(Primary IDE
timing)
Drive 1 Timing
Select
(TIM1) (rw)
Drive 1 Enable
Prefetch and
Posting
(PP1EN) (rw)
Drive 1 Enable
IOrdy Sampling
(RDY1EN) (rw)
Drive 1 Fast
Timing Bank
Select
(FTB1) (rw)
Drive 0 Timing
Select
(TIM0) (rw)
Drive 0 Enable
Prefetch and
Posting
(PP0EN) (rw)
Drive 0 Enable
IOrdy Sampling
(RDY0EN) (rw)
Drive 0 Fast
Timing Bank
Select
(FTB0) (rw)
141h
IDE Decode En-
abled
(DCDEN) (rw)
Slave IDE Tim-
ing Enable
(STEN) (rw)
IOrdy Sample Point
(ISPP) (rw)
Reserved
Recovery Time
(RCTP) (rw)
142h
Reserved
143h
144h
SLIDETIM
(Slave IDE
timing)
Reserved
Primary Drive 1 IOrdy Sample
Point
(ISPS) (rw)
Primary Drive 1 Recovery Time
(RCTS) (rw)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com