Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 222 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 218Page - STMicroelectronics STR720 Datasheet HTML 219Page - STMicroelectronics STR720 Datasheet HTML 220Page - STMicroelectronics STR720 Datasheet HTML 221Page - STMicroelectronics STR720 Datasheet HTML 222Page - STMicroelectronics STR720 Datasheet HTML 223Page - STMicroelectronics STR720 Datasheet HTML 224Page - STMicroelectronics STR720 Datasheet HTML 225Page - STMicroelectronics STR720 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
222/401
Bits 6:0
These bits of IFn Command Mask Register have different functions
depending on the transfer direction:
Direction = Write
Bit 6 = Mask Access Mask Bits
0: Mask bits unchanged.
1: transfer Identifier Mask + MDir + MXtd to Message Object.
Bit 5 = Arb Access Arbitration Bits
0: Arbitration bits unchanged.
1: Transfer Identifier + Dir + Xtd + MsgVal to Message Object.
Bit 4 = Control Access Control Bits
0: Control Bits unchanged.
1: Transfer Control Bits to Message Object.
Bit 3 = ClrIntPnd Clear Interrupt Pending Bit
When writing to a Message Object, this bit is ignored.
Bit 2 = TxRqst/NewDat Access Transmission Request Bit
0: TxRqst bit unchanged.
1: Set TxRqst bit.
If a transmission is requested by programming bit TxRqst/NewDat in the IFn
Command Mask Register, bit TxRqst in the IFn Message Control Register
will be ignored.
Bit 1 = Data A Access Data Bytes 3:0
0: Data Bytes 3:0 unchanged.
1: Transfer Data Bytes 3:0 to Message Object.
Bit 0 = Data B Access Data Bytes 7:4
0: Data Bytes 7:4 unchanged.
1: Transfer Data Bytes 7:4 to Message Object.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com