Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 223 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 219Page - STMicroelectronics STR720 Datasheet HTML 220Page - STMicroelectronics STR720 Datasheet HTML 221Page - STMicroelectronics STR720 Datasheet HTML 222Page - STMicroelectronics STR720 Datasheet HTML 223Page - STMicroelectronics STR720 Datasheet HTML 224Page - STMicroelectronics STR720 Datasheet HTML 225Page - STMicroelectronics STR720 Datasheet HTML 226Page - STMicroelectronics STR720 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
223/401
Bits 6:0
Direction = Read
Bit 6 = Mask: Access Mask Bits
0: Mask bits unchanged.
1: Transfer Identifier Mask + MDir + MXtd to IFn Message Buffer Register.
Bit 5 = Arb: Access Arbitration Bits
0: Arbitration bits unchanged.
1: Transfer Identifier + Dir + Xtd + MsgVal to IFn Message Buffer Register.
Bit 4 = Control: Access Control Bits
0: Control Bits unchanged.
1: Transfer Control Bits to IFn Message Buffer Register.
Bit 3 = ClrIntPnd: Clear Interrupt Pending Bit
0: IntPnd bit remains unchanged.
1: Clear IntPnd bit in the Message Object.
Bit 2 = TxRqst/NewDat: Access Transmission Request Bit
0: NewDat bit remains unchanged.
1: Clear NewDat bit in the Message Object.
Note
A read access to a Message Object can be combined with the
reset of the control bits IntPnd and NewDat. The values of these
bits transferred to the IFn Message Control Register always reflect
the status before resetting these bits.
Bit 1 = Data A Access Data Bytes 3:0
0: Data Bytes 3:0 unchanged.
1: Transfer Data Bytes 3:0 to IFn Message Buffer Register.
Bit 0 = Data B Access Data Bytes 7:4
0: Data Bytes 7:4 unchanged.
1: Transfer Data Bytes 7:4 to IFn Message Buffer Register.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com