Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 227 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 223Page - STMicroelectronics STR720 Datasheet HTML 224Page - STMicroelectronics STR720 Datasheet HTML 225Page - STMicroelectronics STR720 Datasheet HTML 226Page - STMicroelectronics STR720 Datasheet HTML 227Page - STMicroelectronics STR720 Datasheet HTML 228Page - STMicroelectronics STR720 Datasheet HTML 229Page - STMicroelectronics STR720 Datasheet HTML 230Page - STMicroelectronics STR720 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
227/401
18.5.3.2 Message Object in the Message Memory
There are 32 Message Objects in the Message RAM. To avoid conflicts between CPU access
to the Message RAM and CAN message reception and transmission, the CPU cannot directly
access the Message Objects, these accesses are handled through the IFn Interface
Registers.
Table 51 provides an overview of the structures of a Message Object.
The Arbitration Registers ID28-0, Xtd, and Dir are used to define the identifier and type of
outgoing messages and are used (together with the mask registers Msk28-0, MXtd, and MDir)
for acceptance filtering of incoming messages. A received message is stored in the valid
Message Object with matching identifier and direction set to receive (Data Frame) or transmit
(Remote Frame). Extended frames can be stored only in Message Objects with Xtd set,
standard frames in Message Objects with Xtd clear. If a received message (Data Frame or
Remote Frame) matches more than one valid Message Object, it is stored into that with the
lowest message number. For details see Section “Acceptance Filtering of Received
Messages”.
Table 51. Structure of a Message Object in the Message Memory
Message Object
UMa
sk
Msk
28-0
M
Xt
d
M
Dir
EoB
NewDat
Ms
gLs
t
RxI
E
TxI
E
Int
Pnd
Rmt
En
TxRq
st
Msg
Val
ID28-
0
Xt
d
Dir
DLC
3-0
Dat
a 0
Dat
a 1
Dat
a 2
Dat
a 3
Dat
a 4
Dat
a 5
Data
6
Data 7
MsgVal
Message Valid
1: The Message Object is configured and should be considered by the
Message Handler.
0: The Message Object is ignored by the Message Handler.
Note
The application software must reset the MsgVal bit of all unused
Messages Objects during the initialization before it resets bit Init
in the CAN Control Register. This bit must also be reset before the
identifier Id28-0, the control bits Xtd, Dir, or the Data Length Code
DLC3-0 are modified, or if the Messages Object is no longer
required.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com