Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 231 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 231 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 227Page - STMicroelectronics STR720 Datasheet HTML 228Page - STMicroelectronics STR720 Datasheet HTML 229Page - STMicroelectronics STR720 Datasheet HTML 230Page - STMicroelectronics STR720 Datasheet HTML 231Page - STMicroelectronics STR720 Datasheet HTML 232Page - STMicroelectronics STR720 Datasheet HTML 233Page - STMicroelectronics STR720 Datasheet HTML 234Page - STMicroelectronics STR720 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
231/401
DLC3-0
Data Length Code
0-8: Data Frame has 0-8 data bytes.
9-15: Data Frame has 8 data bytes
Note
The Data Length Code of a Message Object must be defined the
same as in all the corresponding objects with the same identifier
at other nodes. When the Message Handler stores a data frame, it
will write the DLC to the value given by the received message.
Data 0: 1st data byte of a CAN Data Frame
Data 1: 2nd data byte of a CAN Data Frame
Data 2: 3rd data byte of a CAN Data Frame
Data 3: 4th data byte of a CAN Data Frame
Data 4: 5th data byte of a CAN Data Frame
Data 5: 6th data byte of a CAN Data Frame
Data 6: 7th data byte of a CAN Data Frame
Data 7 : 8th data byte of a CAN Data Frame
Note
The Data 0 Byte is the first data byte shifted into the shift register
of the CAN Core during a reception while the Data 7 byte is the
last. When the Message Handler stores a Data Frame, it will write
all the eight data bytes into a Message Object. If the Data Length
Code is less than 8, the remaining bytes of the Message Object
will be overwritten by unspecified values.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com