Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 235 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 231Page - STMicroelectronics STR720 Datasheet HTML 232Page - STMicroelectronics STR720 Datasheet HTML 233Page - STMicroelectronics STR720 Datasheet HTML 234Page - STMicroelectronics STR720 Datasheet HTML 235Page - STMicroelectronics STR720 Datasheet HTML 236Page - STMicroelectronics STR720 Datasheet HTML 237Page - STMicroelectronics STR720 Datasheet HTML 238Page - STMicroelectronics STR720 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
235/401
Interrupt Pending Registers 1 & 2 (CAN_IPnR)
Address Offset: 140h (CAN_IP1R), 144h (CAN_IP2R)
Reset Value: 0000 0000h
These registers contain the IntPnd bits of the 32 Message Objects. By reading the IntPnd
bits, the CPU can check for which Message Object an interrupt is pending. The IntPnd bit of a
specific Message Object can be set/reset by the application software through the IFn
Message Interface Registers or by the Message Handler after reception or after a successful
transmission of a frame. This will also affect the value of IntId in the Interrupt Register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IntPnd[32:17]
r
15
14
13
12
11
10
9
8765
4321
0
IntPnd[16:1]
r
Bits 31:16
IntPnd32-17 Interrupt Pending Bits (of all Message Objects)
0: This message object is not the source of an interrupt.
1: This message object is the source of an interrupt.
Bits 15:0
IntPnd16-1 Interrupt Pending Bits (of all Message Objects)
0: This message object is not the source of an interrupt.
1: This message object is the source of an interrupt.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com