Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 239 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 235Page - STMicroelectronics STR720 Datasheet HTML 236Page - STMicroelectronics STR720 Datasheet HTML 237Page - STMicroelectronics STR720 Datasheet HTML 238Page - STMicroelectronics STR720 Datasheet HTML 239Page - STMicroelectronics STR720 Datasheet HTML 240Page - STMicroelectronics STR720 Datasheet HTML 241Page - STMicroelectronics STR720 Datasheet HTML 242Page - STMicroelectronics STR720 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
239/401
Note
Reserved bits are read as 0’ except for IFn Mask 2 Register where they are read as
’1’.
A0h
CAN_IF2_DA2
R
Data(3)
Data(2)
A4h
CAN_IF2_DB1
R
Data(5)
Data(4)
A8h
CAN_IF2_DB2
R
Data(7)
Data(6)
100h
CAN_TxR1R
TxRqst16-1
104h
CAN_TxR2R
TxRqst32-17
120h
CAN_ND1R
NewDat16-1
124h
CAN_ND2R
NewDat32-17
140h
CAN_IP1R
IntPnd16-1
144h
CAN_IP2R
IntPnd32-17
160h
CAN_MV1R
MsgVal16-1
164h
CAN_MV2R
MsgVal32-17
Table 53. CAN Register Map
Addr
offset
Register Name
1
5
1
4
1
3
1
2
1
1
1
0
98
765
432
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com