Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 240 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 236Page - STMicroelectronics STR720 Datasheet HTML 237Page - STMicroelectronics STR720 Datasheet HTML 238Page - STMicroelectronics STR720 Datasheet HTML 239Page - STMicroelectronics STR720 Datasheet HTML 240Page - STMicroelectronics STR720 Datasheet HTML 241Page - STMicroelectronics STR720 Datasheet HTML 242Page - STMicroelectronics STR720 Datasheet HTML 243Page - STMicroelectronics STR720 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
240/401
18.7 CAN Communications
18.7.1
Managing Message Objects
The configuration of the Message Objects in the Message RAM (with the exception of the bits
MsgVal, NewDat, IntPnd, and TxRqst) will not be affected by resetting the chip. All the
Message Objects must be initialized by the application software or they must be “not valid”
(MsgVal = ‘0’) and the bit timing must be configured before the application software clears the
Init bit in the CAN Control Register.
The configuration of a Message Object is done by programming Mask, Arbitration, Control
and Data fields of one of the two interface registers to the desired values. By writing to the
corresponding IFn Command Request Register, the IFn Message Buffer Registers are loaded
into the addressed Message Object in the Message RAM.
When the Init bit in the CAN Control Register is cleared, the CAN Protocol Controller state
machine of the CAN_Core and state machine of the Message Handler control the internal
data flow of the CAN Peripheral. Received messages that pass the acceptance filtering are
stored in the Message RAM, messages with pending transmission request are loaded into the
CAN_Core’s Shift Register and are transmitted through the CAN bus.
The application software reads received messages and updates messages to be transmitted
through the IFn Interface Registers. Depending on the configuration, the CPU is interrupted
on certain CAN message and CAN error events.
18.7.2
Message Handler State Machine
The Message Handler controls the data transfer between the Rx/Tx Shift Register of the CAN
Core, the Message RAM and the IFn Registers.
The Message Handler FSM controls the following functions:
Data Transfer from IFn Registers to the Message RAM
Data Transfer from Message RAM to the IFn Registers
Data Transfer from Shift Register to the Message RAM
Data Transfer from Message RAM to Shift Register
Data Transfer from Shift Register to the Acceptance Filtering unit
Scanning of Message RAM for a matching Message Object
Handling of TxRqst flags
Handling of interrupts.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com