Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 244 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 240Page - STMicroelectronics STR720 Datasheet HTML 241Page - STMicroelectronics STR720 Datasheet HTML 242Page - STMicroelectronics STR720 Datasheet HTML 243Page - STMicroelectronics STR720 Datasheet HTML 244Page - STMicroelectronics STR720 Datasheet HTML 245Page - STMicroelectronics STR720 Datasheet HTML 246Page - STMicroelectronics STR720 Datasheet HTML 247Page - STMicroelectronics STR720 Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
244/401
18.7.3
Configuring a Transmit Object
Table 54 shows how a Transmit Object should be initialized.
The Arbitration Register values (ID28-0 and Xtd bit) are provided by the application. They
define the identifier and type of the outgoing message. If an 11-bit Identifier (“Standard
Frame”) is used, it is programmed to ID28 - ID18. The ID17 - ID0 can then be disregarded.
If the TxIE bit is set, the IntPnd bit will be set after a successful transmission of the Message
Object.
If the RmtEn bit is set, a matching received Remote Frame will cause the TxRqst bit to be set;
the Remote Frame will autonomously be answered by a Data Frame.
The Data Register values (DLC3-0, Data0-7) are provided by the application, TxRqst and
RmtEn may not be set before the data is valid.
The Mask Registers (Msk28-0, UMask, MXtd, and MDir bits) may be used (UMask=’1’) to
allow groups of Remote Frames with similar identifiers to set the TxRqst bit. The Dir bit should
not be masked.
18.7.4
Updating a Transmit Object
The CPU may update the data bytes of a Transmit Object any time through the IFn Interface
registers, neither MsgVal nor TxRqst have to be reset before the update. Even if only a part of
the data bytes are to be updated, all four bytes of the corresponding IFn Data A Register or
IFn Data B Register have to be valid before the contents of that register are transferred to the
Message Object. Either the CPU has to write all four bytes into the IFn Data Register or the
Message Object is transferred to the IFn Data Register before the CPU writes the new data
bytes.
When only the (eight) data bytes are updated, first 0x0087 is written to the Command Mask
Register and then the number of the Message Object is written to the Command Request
Register, concurrently updating the data bytes and setting TxRqst.
To prevent the reset of TxRqst at the end of a transmission that may already be in progress
while the data is updated, NewDat has to be set together with TxRqst. For details see Section
18.7.2.2: Message Transmission on page 242.
When NewDat is set together with TxRqst, NewDat will be reset as soon as the new
transmission has started.
Table 54. Initialization of a Transmit Object
1
appl.
appl.
appl.
1
1
0
0
0
appl.
0
appl.
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com