Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 248 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 248 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 244Page - STMicroelectronics STR720 Datasheet HTML 245Page - STMicroelectronics STR720 Datasheet HTML 246Page - STMicroelectronics STR720 Datasheet HTML 247Page - STMicroelectronics STR720 Datasheet HTML 248Page - STMicroelectronics STR720 Datasheet HTML 249Page - STMicroelectronics STR720 Datasheet HTML 250Page - STMicroelectronics STR720 Datasheet HTML 251Page - STMicroelectronics STR720 Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
248/401
18.7.9
Handling Interrupts
If several interrupts are pending, the CAN Interrupt Register will point to the pending interrupt
with the highest priority, disregarding their chronological order. An interrupt remains pending
until the application software has cleared it.
The Status Interrupt has the highest priority. Among the message interrupts, interrupt priority
of the Message Object decreases with increasing message number.
A message interrupt is cleared by clearing the IntPnd bit of the Message Object. The Status
Interrupt is cleared by reading the Status Register.
The interrupt identifier, IntId, in the Interrupt Register, indicates the cause of the interrupt.
When no interrupt is pending, the register will hold the value zero. If the value of the Interrupt
Register is different from zero, then there is an interrupt pending and, if IE is set, the IRQ
interrupt signal to the EIC is active. The interrupt remains active until the Interrupt Register is
back to value zero (the cause of the interrupt is reset) or until IE is reset.
The value 0x8000 indicates that an interrupt is pending because the CAN Core has updated
(not necessarily changed) the Status Register (Error Interrupt or Status Interrupt). This
interrupt has the highest priority. The CPU can update (reset) the status bits RxOk, TxOk and
LEC, but a write access of the CPU to the Status Register can never generate or reset an
interrupt.
All other values indicate that the source of the interrupt is one of the Message Objects. IntId
points to the pending message interrupt with the highest interrupt priority.
The CPU controls whether a change of the Status Register may cause an interrupt (bits EIE
and SIE in the CAN Control Register) and whether the interrupt line becomes active when the
Interrupt Register is different from zero (bit IE in the CAN Control Register). The Interrupt
Register will be updated even when IE is reset.
The CPU has two possibilities to follow the source of a message interrupt. First, it can follow
the IntId in the Interrupt Register and second it can poll the Interrupt Pending Register (see
See “Interrupt Pending Registers 1 & 2 (CAN_IPnR)” on page 235.).
An interrupt service routine that is reading the message that is the source of the interrupt may
read the message and reset the Message Object’s IntPnd at the same time (bit ClrIntPnd in
the Command Mask Register). When IntPnd is cleared, the Interrupt Register will point to the
next Message Object with a pending interrupt.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com