Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 251 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 247Page - STMicroelectronics STR720 Datasheet HTML 248Page - STMicroelectronics STR720 Datasheet HTML 249Page - STMicroelectronics STR720 Datasheet HTML 250Page - STMicroelectronics STR720 Datasheet HTML 251Page - STMicroelectronics STR720 Datasheet HTML 252Page - STMicroelectronics STR720 Datasheet HTML 253Page - STMicroelectronics STR720 Datasheet HTML 254Page - STMicroelectronics STR720 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
251/401
18.7.10.2 Propagation Time Segment
This part of the bit time is used to compensate physical delay times within the network. These
delay times consist of the signal propagation time on the bus and the internal delay time of the
CAN nodes.
Any CAN node synchronized to the bit stream on the CAN bus will be out of phase with the
transmitter of that bit stream, caused by the signal propagation time between the two nodes.
The CAN protocol’s non-destructive bitwise arbitration and the dominant acknowledge bit
provided by receivers of CAN messages requires that a CAN node transmitting a bit stream
must also be able to receive dominant bits transmitted by other CAN nodes that are
synchronized to that bit stream. The example in Figure 36 shows the phase shift and
propagation times between two CAN nodes.
In this example, both nodes A and B are transmitters, performing an arbitration for the CAN
bus. Node A has sent its Start of Frame bit less than one bit time earlier than node B, therefore
node B has synchronized itself to the received edge from recessive to dominant. Since node
B has received this edge delay (A_to_B) after it has been transmitted, B’s bit timing segments
are shifted with respect to A. Node B sends an identifier with higher priority and so it will win
the arbitration at a specific identifier bit when it transmits a dominant bit while node A
transmits a recessive bit. The dominant bit transmitted by node B will arrive at node A after the
delay (B_to_A).
Due to oscillator tolerances, the actual position of node A’s Sample Point can be anywhere
inside the nominal range of node A’s Phase Buffer Segments, so the bit transmitted by node B
Figure 36. Propagation Time Segment
Sync_Seg
Prop_Seg
Phase_Seg1
Phase_Seg2
Node B
Node A
Delay A_to_B
Delay B_to_A
Prop_Seg
>= Delay A_to_B + Delay B_to_A
Prop_Seg
>= 2 • [max(node output delay+ bus line delay + node input delay)]
Delay A_to_B >= node output delay(A) + bus line delay(A
→B) + node input delay(B)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com