Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 254 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 250Page - STMicroelectronics STR720 Datasheet HTML 251Page - STMicroelectronics STR720 Datasheet HTML 252Page - STMicroelectronics STR720 Datasheet HTML 253Page - STMicroelectronics STR720 Datasheet HTML 254Page - STMicroelectronics STR720 Datasheet HTML 255Page - STMicroelectronics STR720 Datasheet HTML 256Page - STMicroelectronics STR720 Datasheet HTML 257Page - STMicroelectronics STR720 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
254/401
In the first example, an edge from recessive to dominant occurs at the end of Prop_Seg. The
edge is “late” since it occurs after the Sync_Seg. Reacting to the “late” edge, Phase_Seg1 is
lengthened so that the distance from the edge to the Sample Point is the same as it would
have been from the Sync_Seg to the Sample Point if no edge had occurred. The phase error
of this “late” edge is less than SJW, so it is fully compensated and the edge from dominant to
recessive at the end of the bit, which is one nominal bit time long, occurs in the Sync_Seg.
In the second example, an edge from recessive to dominant occurs during Phase_Seg2. The
edge is “
early” since it occurs before a Sync_Seg. Reacting to the “early” edge, Phase_Seg2
is shortened and Sync_Seg is omitted, so that the distance from the edge to the Sample Point
is the same as it would have been from an Sync_Seg to the Sample Point if no edge had
occurred. As in the previous example, the magnitude of phase error of this “
early” edge’s is
less than SJW, so it is fully compensated.
The Phase Buffer Segments are lengthened or shortened temporarily only; at the next bit
time, the segments return to their nominal programmed values.
In these examples, the bit timing is seen from the point of view of the CAN state machine,
where the bit time starts and ends at the Sample Points. The state machine omits Sync_Seg
when synchronizing on an “early” edge, because it cannot subsequently redefine that time
quantum of Phase_Seg2 where the edge occurs to be the Sync_Seg.
Figure 37. Synchronization on “late” and “early” Edges
recessive
dominant
recessive
dominant
Sync_Seg
Prop_Seg
Phase_Seg1
Phase_Seg2
“late” Edge
“early” Edge
Rx-Input
Rx-Input
Sample-Point
Sample-Point
Sample-Point
Sample-Point
Sample-Point
Sample-Point
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com