Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 253 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 249Page - STMicroelectronics STR720 Datasheet HTML 250Page - STMicroelectronics STR720 Datasheet HTML 251Page - STMicroelectronics STR720 Datasheet HTML 252Page - STMicroelectronics STR720 Datasheet HTML 253Page - STMicroelectronics STR720 Datasheet HTML 254Page - STMicroelectronics STR720 Datasheet HTML 255Page - STMicroelectronics STR720 Datasheet HTML 256Page - STMicroelectronics STR720 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
253/401
When the phase error of the edge which causes Re-synchronization is positive,
Phase_Seg1 is lengthened. If the magnitude of the phase error is less than SJW,
Phase_Seg1 is lengthened by the magnitude of the phase error, else it is lengthened by
SJW.
When the phase error of the edge, which causes Re-synchronization is negative,
Phase_Seg2 is shortened. If the magnitude of the phase error is less than SJW,
Phase_Seg2 is shortened by the magnitude of the phase error, else it is shortened by
SJW.
When the magnitude of the phase error of the edge is less than or equal to the programmed
value of SJW, the results of Hard Synchronization and Re-synchronization are the same. If the
magnitude of the phase error is larger than SJW, the Re-synchronization cannot compensate
the phase error completely, an error (phase error - SJW) remains.
Only one synchronization may be done between two Sample Points. The Synchronizations
maintain a minimum distance between edges and Sample Points, giving the bus level time to
stabilize and filtering out spikes that are shorter than (Prop_Seg + Phase_Seg1).
Apart from noise spikes, most synchronizations are caused by arbitration. All nodes
synchronize “hard” on the edge transmitted by the “leading” transceiver that started
transmitting first, but due to propagation delay times, they cannot become ideally
synchronized. The “leading” transmitter does not necessarily win the arbitration, therefore the
receivers have to synchronize themselves to different transmitters that subsequently “take the
lead” and that are differently synchronized to the previously “leading” transmitter. The same
happens at the acknowledge field, where the transmitter and some of the receivers will have
to synchronize to that receiver that “takes the lead” in the transmission of the dominant
acknowledge bit.
Synchronizations after the end of the arbitration will be caused by oscillator tolerance, when
the differences in the oscillator’s clock periods of transmitter and receivers sum up during the
time between synchronizations (at most ten bits). These summarized differences may not be
longer than the SJW, limiting the oscillator’s tolerance range.
The examples in Figure 37 show how the Phase Buffer Segments are used to compensate for
phase errors. There are three drawings of each two consecutive bit timings. The upper
drawing shows the synchronization on a “late” edge, the lower drawing shows the
synchronization on an “early” edge, and the middle drawing is the reference without
synchronization.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com