Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 241 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 241 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 237Page - STMicroelectronics STR720 Datasheet HTML 238Page - STMicroelectronics STR720 Datasheet HTML 239Page - STMicroelectronics STR720 Datasheet HTML 240Page - STMicroelectronics STR720 Datasheet HTML 241Page - STMicroelectronics STR720 Datasheet HTML 242Page - STMicroelectronics STR720 Datasheet HTML 243Page - STMicroelectronics STR720 Datasheet HTML 244Page - STMicroelectronics STR720 Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
241/401
18.7.2.1 Data Transfer from/to Message RAM
When the CPU initiates a data transfer between the IFn Registers and Message RAM, the
Message Handler sets the Busy bit in the respective Command Request Register
(CAN_IFn_CRR). After the transfer has completed, the Busy bit is again cleared (see Figure
33).
The respective Command Mask Register specifies whether a complete Message Object or
only parts of it will be transferred. Due to the structure of the Message RAM, it is not possible
to write single bits/bytes of one Message Object. It is always necessary to write a complete
Message Object into the Message RAM. Therefore, the data transfer from the IFn Registers to
the Message RAM requires a read-modify-write cycle. First, those parts of the Message
Object that are not to be changed are read from the Message RAM and then the complete
contents of the Message Buffer Registers are written into the Message Object.
Figure 33. Data transfer between
IFn Registers and Message RAM
START
WR/RD = 1
Busy = 0
Busy = 1
Read Message Object to IFn
Write IFn to Message RAM
Read Message Object to IFn
No
Yes
CAN_WAIT_B = 0
CAN_WAIT_B = 1
Write Command Request Register
No
Yes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com