Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 237 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 233Page - STMicroelectronics STR720 Datasheet HTML 234Page - STMicroelectronics STR720 Datasheet HTML 235Page - STMicroelectronics STR720 Datasheet HTML 236Page - STMicroelectronics STR720 Datasheet HTML 237Page - STMicroelectronics STR720 Datasheet HTML 238Page - STMicroelectronics STR720 Datasheet HTML 239Page - STMicroelectronics STR720 Datasheet HTML 240Page - STMicroelectronics STR720 Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
237/401
18.6 Register Map
Table 53. CAN Register Map
Addr
offset
Register Name
1
5
1
4
1
3
1
2
1
1
1
0
98
765
432
1
0
00h
CAN_CR
Reserved
re
s
IE
Init
04h
CAN_SR
Reserved
LEC
08h
CAN_ERR
R
P
REC6-0
TEC7-0
0Ch
CAN_BTR
re
s
TSeg2
TSeg1
SJW
BRP
10h
CAN_IDR
IntId15-8
IntId7-0
14h
CAN_TESTR
Reserved
Reserved
18h
CAN_BRPR
Reserved
BRPE
20h
CAN_IF1_CRR
B
u
sy
Reserved
Message Number
24h
CAN_IF1_CMR
Reserved
28h
CAN_IF1_M1R
Msk15-0
2Ch
CAN_IF1_M2R
M
Xt
d
M
Di
r
re
s
Msk28-16
30h
CAN_IF1_A1R
ID15-0
34h
CAN_IF1_A2R
M
s
g
V
al
Xt
d
Di
r
ID28-16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com