Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 234 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 230Page - STMicroelectronics STR720 Datasheet HTML 231Page - STMicroelectronics STR720 Datasheet HTML 232Page - STMicroelectronics STR720 Datasheet HTML 233Page - STMicroelectronics STR720 Datasheet HTML 234Page - STMicroelectronics STR720 Datasheet HTML 235Page - STMicroelectronics STR720 Datasheet HTML 236Page - STMicroelectronics STR720 Datasheet HTML 237Page - STMicroelectronics STR720 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
234/401
New Data Registers 1 & 2 (CAN_NDnR)
Address Offset: 120h (CAN_ND1R), 124h (CAN_ND2R)
Reset Value: 0000 0000h
These registers hold the NewDat bits of the 32 Message Objects. By reading out the NewDat
bits, the CPU can check for which Message Object the data portion was updated. The
NewDat bit of a specific Message Object can be set/reset by the CPU through the IFn
Message Interface Registers or by the Message Handler after reception of a Data Frame or
after a successful transmission.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NewDat[32:17]
r
15
14
13
12
11
10
98
765
432
10
NewDat[16:1]
r
Bits 31:16
NewDat32-17 New Data Bits (of all Message Objects)
0: No new data has been written into the data portion of this Message
Object by the Message Handler since the last time this flag was cleared by
the application software.
1: The Message Handler or the application software has written new data
into the data portion of this Message Object.
Bits 15:0
NewDat16-1 New Data Bits (of all Message Objects)
0: No new data has been written into the data portion of this Message
Object by the Message Handler since the last time this flag was cleared by
the application software.
1: The Message Handler or the application software has written new data
into the data portion of this Message Object.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com