Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 228 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 224Page - STMicroelectronics STR720 Datasheet HTML 225Page - STMicroelectronics STR720 Datasheet HTML 226Page - STMicroelectronics STR720 Datasheet HTML 227Page - STMicroelectronics STR720 Datasheet HTML 228Page - STMicroelectronics STR720 Datasheet HTML 229Page - STMicroelectronics STR720 Datasheet HTML 230Page - STMicroelectronics STR720 Datasheet HTML 231Page - STMicroelectronics STR720 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
228/401
UMask
Use Acceptance Mask
1: Use Mask (Msk28-0, MXtd, and MDir) for acceptance filtering.
0: Mask ignored.
Note
If the UMask bit is set to one, the Message Object’s mask bits
have to be programmed during initialization of the Message
Object before MsgVal is set to one.
ID28-0
Message Identifier
ID28 - ID0, 29-bit Identifier (“Extended Frame”)
ID28 - ID18, 11-bit Identifier (“Standard Frame”)
Msk28-0
Identifier Mask
1: The corresponding identifier bit is used for acceptance filtering.
0: The corresponding bit in the identifier of the message object cannot
inhibit the match in the acceptance filtering.
Xtd
Extended Identifier
1: The 29-bit (“extended”) Identifier will be used for this Message
Object.
0: The 11-bit (“standard”) Identifier will be used for this Message Object.
MXtd
Mask Extended Identifier
1: The extended identifier bit (IDE) is used for acceptance filtering.
0: The extended identifier bit (IDE) has no effect on the acceptance
filtering.
Note
When 11-bit (“standard”) Identifiers are used for a Message
Object, the identifiers of received Data Frames are written into
bits ID28 to ID18. For acceptance filtering, only these bits
together with mask bits Msk28 to Msk18 are considered.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com