Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 224 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 220Page - STMicroelectronics STR720 Datasheet HTML 221Page - STMicroelectronics STR720 Datasheet HTML 222Page - STMicroelectronics STR720 Datasheet HTML 223Page - STMicroelectronics STR720 Datasheet HTML 224Page - STMicroelectronics STR720 Datasheet HTML 225Page - STMicroelectronics STR720 Datasheet HTML 226Page - STMicroelectronics STR720 Datasheet HTML 227Page - STMicroelectronics STR720 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
224/401
18.5.3.1 IFn Message Buffer Registers
The bits of the Message Buffer registers mirror the Message Objects in the Message RAM.
The function of the Message Objects bits is described in Section 18.5.3.2: Message Object in
the Message Memory on page 227.
IFn Mask 1 Register (CAN_IFn_M1R)
Address offset: 28h (CAN_IF1_M1R), 88h (CAN_IF2_M1R)
Reset Value: FFFFh
The function of the Msk bits is described in Section 18.5.3.2: Message Object in the Message
Memory on page 227.
IFn Mask 2 Register (CAN_IFn_M2R)
Address offset: 2Ch (CAN_IF1_M2R), 8Ch (CAN_IF2_M2R)
Reset Value: FFFFh
The function of the Message Objects bits is described in the Section 18.5.3.2: Message
Object in the Message Memory on page 227.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Msk[15:0]
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MXtd
MDir
Res
Msk[28:16]
rw
rw
r
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com