Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 369 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 369 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 365Page - STMicroelectronics STR720 Datasheet HTML 366Page - STMicroelectronics STR720 Datasheet HTML 367Page - STMicroelectronics STR720 Datasheet HTML 368Page - STMicroelectronics STR720 Datasheet HTML 369Page - STMicroelectronics STR720 Datasheet HTML 370Page - STMicroelectronics STR720 Datasheet HTML 371Page - STMicroelectronics STR720 Datasheet HTML 372Page - STMicroelectronics STR720 Datasheet HTML 373Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 401 page
background image
STR720 - POWER REDUCTION MODES
369/401
exiting from STOP mode an interrupt routine shall be serviced, another set of dummy
instructions shall be added, to take into account of the latency period: this is evaluated in at
least other three dummy instructions. This to consider that when STOP mode entered, the
pipeline content is frozen as well, and when the system restarts the first executed instruction
was fetched and decoded before entering the STOP mode itself.
Exiting STOP mode can be triggered by two different sets of events: internal events generated
on some STR720 peripheral pins (as UART reception line or USB wake-up signalling) or
external events restoring CLK clock line. All these events can be detected by WIU which will
deactivate the STOP_REQ signal as a response, thus removing the STOP condition from
RCCU block. A guideline to write the code required to exit STOP mode can be the following:
1. Upon wake-up event, WIU removes STOP_REQ signal notifying to the external devices
that STR720 is about to exit STOP mode. If the traced event is triggered by STR720
peripherals, this signal will be used by a possible external power manager to restore CLK
clock otherwise it will have been CLK clock activity, restarted autonomously by the exter-
nal power manager, which triggered STR720 wake-up.
2. STOP_REQ deactivation restarts RCCU operations, which awakes system clock in SLOW
mode.
3. Application software should now determine which wake-up source triggered the exit from
STOP mode, in order to take any consequent action. If CLK clock activity is not there (see
point 7 of previous sequence), a system dependent time interval must be waited so to
allow a stable CLK clock to be present on STR720 pads.
4. RCCU can now be switched back in RUN mode, the PLL enabled again and all the rest of
system operation restored.
25.5 STANDBY Mode
The minimum level of power consumption can be reached using STANDBY mode, where not
only main system clocks are stopped but also main power supply is removed from STR720
device, except the RTC section with its 32 kHz oscillator, so that time can be still traced while
most of the system is kept under reset condition. This extreme power saving mode can be
exited re-initializing the whole device using RSTIN pad, thus losing any previous state and
configuration while the real time clock counter is not affected.
Any action required by the system to enter safely STANDBY mode has to be performed by
application software, following a request arrived from an external power manager and
acknowledging the enter in STANDBY mode after having saved any required state information
into an external storage area (for example an external FLASH device). A pair of GPIO pins
can be used to implement this protocol. As a response to STR720 entering in STANDBY
mode, the external power manager should activate RSTIN pad and then remove VDD supply,
leaving only VDDRTC active.
When the external power manager requires STR720 to exit STANDBY mode, it should restore
VDD supply to its nominal value always keeping RSTIN pad driven low so that a safe hardware
reset sequence is triggered, and only after VDD supply is stable to its nominal value, RSTIN
pad should be raised again. STR720 will start a reset sequence, eventually restoring its
previous state using the informations saved into the external storage area, and system
operation can restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com