Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 373 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 373 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 369Page - STMicroelectronics STR720 Datasheet HTML 370Page - STMicroelectronics STR720 Datasheet HTML 371Page - STMicroelectronics STR720 Datasheet HTML 372Page - STMicroelectronics STR720 Datasheet HTML 373Page - STMicroelectronics STR720 Datasheet HTML 374Page - STMicroelectronics STR720 Datasheet HTML 375Page - STMicroelectronics STR720 Datasheet HTML 376Page - STMicroelectronics STR720 Datasheet HTML 377Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 401 page
background image
STR720 - PACKAGE MECHANICAL DATA
373/401
27 PACKAGE MECHANICAL DATA
Figure 71. PQFP208 Package Outline
Table 84. PQFP208 Package Mechanical Data
Dim
mm
inches
Dim
mm
inches
min
typ
max
min
typ
max
min
typ
max
min
typ
max
A
4.10
0.161 D3
25.50
1.004
A1
0.25
0.010
e
0.50
0.020
A2
3.40
3.20
3.60
0.134 0.126 0.142 E
30.60
1.205
B
0.17
0.27
0.007
0.011 E1
28.00
1.102
C
0.09
0.20
0.003
0.008 E3
25.50
1.004
D
30.60
1.205
L
0.45
0.60
0.75
0.018 0.024 0.029
D1
28.00
1.102
L1
1.30
0.051
K
0°(min), 3.5°(typ), 7°(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com