Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 374 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 374 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 370Page - STMicroelectronics STR720 Datasheet HTML 371Page - STMicroelectronics STR720 Datasheet HTML 372Page - STMicroelectronics STR720 Datasheet HTML 373Page - STMicroelectronics STR720 Datasheet HTML 374Page - STMicroelectronics STR720 Datasheet HTML 375Page - STMicroelectronics STR720 Datasheet HTML 376Page - STMicroelectronics STR720 Datasheet HTML 377Page - STMicroelectronics STR720 Datasheet HTML 378Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
374/401
28 ELECTRICAL CHARACTERISTICS
28.1 Parameter Conditions
Unless otherwise specified, all voltages are referred to VSS.
28.1.1
Minimum and Maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25°C and TA = 85°C.
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean
± 3σ).
28.1.2
Typical values
Unless otherwise specified, typical data are based on TA =25°C, VDD3 = 3.3 V, VDD =1.8 V.
They are given only as design guidelines and are not tested.
Typical ADC accuracy values are determined by characterization of a batch of samples from a
standard diffusion lot over the full temperature range, where 95% of the devices have an error
less than or equal to the value indicated (mean
± 2σ).
28.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are not
tested.
28.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 72.
Figure 72. Pin loading conditions
CL
STR7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com