Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 370 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 370 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 366Page - STMicroelectronics STR720 Datasheet HTML 367Page - STMicroelectronics STR720 Datasheet HTML 368Page - STMicroelectronics STR720 Datasheet HTML 369Page - STMicroelectronics STR720 Datasheet HTML 370Page - STMicroelectronics STR720 Datasheet HTML 371Page - STMicroelectronics STR720 Datasheet HTML 372Page - STMicroelectronics STR720 Datasheet HTML 373Page - STMicroelectronics STR720 Datasheet HTML 374Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 401 page
background image
STR720 - SYSTEM RESET
370/401
26 SYSTEM RESET
26.1 RESET Input Pin
This pin is used to force a system reset which initializes the device in a predefined state.
Activating this pin does not affect in any way the operation of either Real-Time-Clock or
on-chip emulation and debug sections, which are independently initialized by dedicated pins.
To improve the noise immunity of the device, the RESET input pin (RSTIN) has a Schmitt
trigger input circuit with hysteresis and an on-chip RC filter is implemented. The filter is sized
to filter out all spikes shorter than 50 ns. On the other hand, it is recommended to provide valid
pulse on RSTIN with a duration of at least 500 ns to be sure that the asynchronous pulse is
properly latched by system. This means that all the pulses whose length is between 50 ns and
500 ns can either be filtered or recognized as valid, depending on the operating conditions
and process variations. As a recommendation, the power-up RSTIN pulse should last for
about 200
µs in order to be sure that the internal current references used to supply the clock
input pad are already settled to their nominal value.
Figure 68. Recommended Signal to be applied on RSTIN pin
26.2 RTCRST Input Pin
This pin is used to initialize Real-Time-Clock section independently from the rest of the
system. To improve the noise immunity of this critical input pin, RTCRST has a Schmitt trigger
input circuit with hysteresis and an on-chip RC filter is implemented, similar to the one
described for RESET input pin. The filter is sized to filter out all spikes shorter than 50 ns and
minimum RTCRST pulse duration is recommended to be longer than 500 ns. This means that
all the pulses whose length is between 50 ns and 500 ns can either be filtered or recognized
as
valid,
depending
on
the
operating
conditions
and
process
variations.
As
a
recommendation, the power-up RTCRST pulse should last for about 1 s in order to be sure
that 32 kHz oscillator is has completed its start-up phase and settled to its nominal oscillation
frequency and amplitude.
VRSTIN
0.3 VDD
0.7 VDD
VDD
500 ns Minimum (200
µs power-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com