Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 103Page - STMicroelectronics STR720RXH6 Datasheet HTML 104Page - STMicroelectronics STR720RXH6 Datasheet HTML 105Page - STMicroelectronics STR720RXH6 Datasheet HTML 106Page - STMicroelectronics STR720RXH6 Datasheet HTML 107Page - STMicroelectronics STR720RXH6 Datasheet HTML 108Page - STMicroelectronics STR720RXH6 Datasheet HTML 109Page - STMicroelectronics STR720RXH6 Datasheet HTML 110Page - STMicroelectronics STR720RXH6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 401 page
background image
STR720 - DRAM CONTROLLER (DRAMC)
107/401
Bank 1 SDRAM Configuration Register High (SDRAM1ConfigHi)
Address Offset: 14h
Reset value: 0000h
The Bank 1 SDRAM Configuration Register High (SDRAM1ConfigHi) is a 16-bit write only
control register used to configure the SDRAM device of external region 1 (Bank 1). The
SDRAM1ConfigHi control bits are described below.
Bit 15:3
reserved (should be written as zero).
Bit 2
MIWE: Memory Interface Write Enable.
This bit allows to control directly the value on the SDRAM write enable line. When
it is written to ‘1’ the corresponding memory pin will be asserted to ‘0’ for one clock
period. This is a write-ony bit.
Bit 1
MIAA: Memory Interface Access Active (nCAS).
This bit allows to control directly the value on the SDRAM column address strobe
line. When it is written to ‘1’ the corresponding memory pin will be asserted to ‘0’
for one clock period. This is a write-ony bit.
Bit 0
MISA: Memory Interface Setup Active (nRAS).
This bit allows to control directly the value on the SDRAM row address strobe line.
When it is written to ‘1’ the corresponding memory pin will be asserted to ‘0’ for one
clock period. This is a write-ony bit.
Bank 2 SDRAM Configuration Register Low (SDRAM2ConfigLo)
Address Offset: 18h
Reset value: 0000h
The Bank 2 SDRAM Configuration Register Low (SDRAM2ConfigLo) is a 16-bit write only
control register used to configure the SDRAM device of external region 2 (Bank 2).
The SDRAM2ConfigLo control bits are the same as SDRAM1ConfigLo register.
15
14
13
12
11
10
9
8
765432
1
0
reserved
MIWE
MIAA
MISA
wo
wo
wo
15
14
13
12
11
10
9
8
765432
1
0
reserved
MIAB
wo
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com