Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 111 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 107Page - STMicroelectronics STR720RXH6 Datasheet HTML 108Page - STMicroelectronics STR720RXH6 Datasheet HTML 109Page - STMicroelectronics STR720RXH6 Datasheet HTML 110Page - STMicroelectronics STR720RXH6 Datasheet HTML 111Page - STMicroelectronics STR720RXH6 Datasheet HTML 112Page - STMicroelectronics STR720RXH6 Datasheet HTML 113Page - STMicroelectronics STR720RXH6 Datasheet HTML 114Page - STMicroelectronics STR720RXH6 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 401 page
background image
STR720 - DRAM CONTROLLER (DRAMC)
111/401
steps of 16 times the CLK period (TCLK). The REFR value is valid between 0 and
255. For an example of the correspondence between REFR setting and refresh
period see Table 28 Refresh Period..
Size of bank 1 Register (Bank1Size)
Address Offset: 34h
Reset value: 0000h
The Size of bank 1 Register (Bank1Size) is a 16-bit read/write control register used to specify
the size of external region 1 (Bank 1).
The Bank1Size control bits are described below.
Bit 15:9
Reserved (should be written as zero and ignored on read ).
Bit 8:0
SIZE[8:0]: Bank Size.
This field defines the size of the external memory device 1 in 64 kBytes steps.The
SIZE value is valid between 0 and 511, where (SIZE+1) represents the size of the
bank in 64Kbytes steps. See also Table 29 .
Table 28. Refresh Period
REFR
Refresh Period
Refresh period with
fCLK = 48 MHz
00000000
Refresh is disabled
Refresh is disabled
00000001
16 * TCLK
333.33 ns
00000010
32 * TCLK
666.66 ns
00000011
48 * TCLK
1
µs
...
11111111
4080 * TCLK
85
µs
15
14
13
12
11
10
9
8
7
6543210
Reserved
SIZE[8:0]
rw
Table 29. Size field and the corresponding actual size
SIZE field
Bank actual size
0.0000.0000
1 x 64kBytes = 64kBytes
0.0000.0001
2 x 64kBytes = 128kBytes
0.0000.0010
3 x 64kBytes = 192kBytes
...
0.0000.1111
16 x 64kBytes = 1MBytes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com