Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 110Page - STMicroelectronics STR720RXH6 Datasheet HTML 111Page - STMicroelectronics STR720RXH6 Datasheet HTML 112Page - STMicroelectronics STR720RXH6 Datasheet HTML 113Page - STMicroelectronics STR720RXH6 Datasheet HTML 114Page - STMicroelectronics STR720RXH6 Datasheet HTML 115Page - STMicroelectronics STR720RXH6 Datasheet HTML 116Page - STMicroelectronics STR720RXH6 Datasheet HTML 117Page - STMicroelectronics STR720RXH6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 401 page
background image
STR720 - DRAM CONTROLLER (DRAMC)
114/401
10.5 Programming considerations
DRAMC programming and usage is accomplished via the internal registers described in
previous paragraphs.
At reset time all the Controller registers will be reset to 0. It is up to the user the correct
programming of the four Bank Size registers and Bank enable bits in the MemConfig register,
in order to properly describe the physical devices connected to the DRAM Controller.
Note that banks are contiguous, even if it is possible to use less than four banks: if an AHB
transfer is accessing a disabled bank, the DRAM Controller will return the error response to
the AHB master (ARM720T CPU or DMA controller).
After power-up the CPU must configure each SDRAM device, i.e. perform the
precharge-refresh-mode register set procedure as specified in the SDRAM device data sheet.
This is accomplished with the correct values in the 8 SDRAMxConfigLo,Hi registers. A write
access to the high registers will start the SDRAM configuration cycle, during which the value
written to the register will be asserted on the memory bus for one clock period.
When ARM720T caches are enabled, all accesses to SDRAM memory are performed as
bursts of 4 transfers and in order to achieve the highest performance level, SDRAM interface
must be aware of this particular access mode. Unfortunately a limitation in ARM720T core
and SDRAM interface requires this specific configuration to be enforced explicitly by software.
This configuration selection is performed by using CACHE_CONFIG bit of SGCR1 register,
which can configure STR720 to work in “burst-access” mode and it should be used whenever
cache is enabled, so to have optimal performance from the system.
In “burst-access” mode all transfers issued by ARM720T core are identified as 16-byte fixed
length burst, possibly early terminated when the actual burst length is shorter than 16, as it
normally happens on cache line refills. In this way any sequence of transfers generated by a
cached ARM720T core fetching its code from a cached region can be legally completed by
SDRAM interface, including multiple register load/store sequences.
When ARM720T is used with its cache disabled or it is fetching its code from a non-cacheable
SDRAM region, this bit should remain cleared, so to avoid incurring in a system hang, when
long sequences of internal instructions generates a sequence of consecutive accesses longer
than a 16-byte burst. In case system hangs for this particular configuration mistake,
application program execution can be restored only with a system reset.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com